Electronic Components Datasheet Search
  English  ▼

X  

SDA Datasheet(PDF) 1 Page - Conquer Electronics Co., Ltd.

Part # SDA
Description  15.6 x 5.2 x 5.2 mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONQUER [Conquer Electronics Co., Ltd.]
Direct Link  http://www.conquer.com.tw/
Logo CONQUER - Conquer Electronics Co., Ltd.

SDA Datasheet(HTML) 1 Page - Conquer Electronics Co., Ltd.

  SDA Datasheet HTML 1Page - Conquer Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
36 | Surface Mount Fuse
SDA
High Breaking Capacity SMD Fuse
Electrical Characteristics
Product Characteristics
Operating Temperature
-55 ºC to 125 ºC
Material
Body: Ceramic
Termination: Gold Plated
Brass Caps
15.6 x 5.2 x 5.2 mm
Packaging
Packaging Option
Quantity
On Tape
1,000 pcs / reel
Ampere
Rating
Opening Time
1.25 ln
2 In
2.5 In
10 ln
MIN
MAX
MAX
MIN
MAX
8A-12.5A
60 min
120 sec
-
10 ms
100 ms
16A
-
120 sec
-
10 ms
100 ms
20A
-
-
120 sec
5 ms
100 ms
Catalog
Number
Ampere
Rating (A)
Voltage
Rating (V)
Nominal Cold
Resistance
(Ohms)
Nominal
Melting l2t
(A2 sec.)
SDA 001-6.30
1A-6.3A
250V
under developing
SDA 008
8A
0.0087
88
SDA 010
10A
0.0060
194
SDA 12.5
12.5A
0.0044
354
SDA 016
16A
0.0033
638
SDA 020
20A
0.0029
424
Mechanical Dimensions (mm)
15.6±0.4
2.8±0.2
5.2±0.1
Agency Approvals
Agency
Ampere Rating
Recognized Component
for Canada and US
8A - 20A
TUV
8A - 20A
CQC
8A - 10A
8A - 10A:
1500 amperes at 250V AC
1500 amperes at 125V DC
12.5A:
1000 amperes at 250V AC
1000 amperes at 125V DC
16A:
500 amperes at 250V AC
500 amperes at 125V DC
20A:
300 amperes at 250V AC
300 amperes at 125V DC
300 amperes at 125V AC
300 amperes at 72V DC
Interrupting Rating
SDA
4.63±0.1


Similar Part No. - SDA

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SDA BILIN-SDA Datasheet
75Kb / 2P
SURFACE MOUNT RECTIFIER
logo
C&K Components
SDA CK-COMPONENTS-SDA Datasheet
208Kb / 3P
Low Profile DIP Switches
logo
Exar Corporation
SDA EXAR-SDA Datasheet
1Mb / 29P
Quad Channel Digital PWM/PFM Programmable Power Management System
logo
Hammond Manufacturing L...
SDA HAMMOND-SDA Datasheet
68Kb / 1P
Ensemble de bouchon de mise a lair libre
logo
C&K Components
SDA CK-COMPONENTS-SDA Datasheet
135Kb / 3P
Low Profile DIP Switches
More results

Similar Description - SDA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSM0002 MACOM-MASWSM0002 Datasheet
50Kb / 4P
5.2 GHz SPDT Switch
logo
MOSAIC
MSM8512C-020 MOSAIC-MSM8512C-020 Datasheet
150Kb / 11P
512K x 8 Static RAM Issue 5.2 April 2001
logo
Communications & Power ...
VTC-5762B5 CPI-VTC-5762B5 Datasheet
96Kb / 2P
5.2 to 5.9 GHz
logo
Johanson Technology Inc...
5250BL15B100 JOHANSON-5250BL15B100 Datasheet
125Kb / 2P
5.2 GHz Balun
logo
API Technologies Corp
CMD154 APITECH-CMD154 Datasheet
116Kb / 1P
5.2 / 5.7 Duplexer
logo
Frontier Electronics.
AT2450A2008AT FRONTIER-AT2450A2008AT Datasheet
428Kb / 3P
Surface mount ceramic antenna with a small size of 5.2 X 2.0 X 1.15 mm.
AT2450A2008CT FRONTIER-AT2450A2008CT Datasheet
363Kb / 3P
Surface mount ceramic antenna with a small size of 5.2 X 2.0 X 1.15 mm.
logo
ON Semiconductor
RSL15 ONSEMI-RSL15 Datasheet
272Kb / 36P
Bluetooth 5.2 Wireless MCU
May, 2022 Rev. 1
logo
Transko Electronics, In...
SMTF TRANSKO-SMTF Datasheet
358Kb / 1P
MINIATURE SMD TUNING FORK CRYSTAL (5.2 x 1.4 x 1.5mm)
Ver. 2: Sep. 2013
logo
Xtaltq Technologies Co....
BT0503C XTALTQ-BT0503C Datasheet
228Kb / 2P
SMD Package (5.2×3.4mm)
Aug.30. 2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com