Electronic Components Datasheet Search
  English  ▼

X  

UBM Datasheet(PDF) 1 Page - Conquer Electronics Co., Ltd.

Part # UBM
Description  5.2Ø x 20 mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONQUER [Conquer Electronics Co., Ltd.]
Direct Link  http://www.conquer.com.tw/
Logo CONQUER - Conquer Electronics Co., Ltd.

UBM Datasheet(HTML) 1 Page - Conquer Electronics Co., Ltd.

  UBM Datasheet HTML 1Page - Conquer Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axial Lead & Cartridge Fuse | 69
UBM
5.2Ø x 20 mm
Agency Approvals
Agency
Ampere Rating
UL Recognized
100mA - 10A
Recognized Component
for Canada and US
10.1A - 16A
VDE
500mA - 10A
CSA Acceptance
100mA - 10A
TUV
12.5A / 16A
PSE
1A - 15A
KTL
100mA - 6.3A
CQC
12.5A / 16A
CCC
100mA - 10A
BSI
100mA - 6.3A
SEMKO
100mA - 6.3A
Electrical Characteristics
Fast-Acting Fuse
Ampere
Rating
Opening Time
1.5 ln
2.1 ln
2.75 ln
4 ln
10 ln
MIN
MAX
MIN
MAX
MIN
MAX
MAX
100mA - 4A
60 min 30 min 10 ms
2 sec
3 ms
300 ms 20 ms
5A - 6.3A
60 min 30 min 10 ms
3 sec
3 ms
300 ms 20 ms
8A - 16A
30 min 30 min 40 ms 20 sec 10 ms
1 sec
30 ms
Catalog
Number
Ampere
Rating (A)
Voltage
Rating (V)
Nominal Cold
Resistance
(Ohms)
Voltage
Drop (mv)
MAX
Nominal
Melting l2t
(A2 sec.)
UBM .100
100mA
250V
6.3375
7000
0.00200
UBM .400
400mA
0.3740
2000
0.14400
UBM .500
500mA
0.2500
1800
0.20700
UBM .630
630mA
0.1624
1500
0.36512
UBM .800
800mA
0.1132
1200
0.58481
UBM 001
1A
0.0910
1000
0.91982
UBM 1.25
1.25A
0.1462
800
0.80190
UBM 1.60
1.6A
0.0916
600
1.34055
UBM 002
2A
0.0727
500
1.87920
UBM 2.50
2.5A
0.0509
400
4.50810
UBM 3.15
3.15A
0.0370
350
7.13700
UBM 004
4A
0.0283
300
14.5440
UBM 005
5A
0.0208
250
23.7780
UBM 6.30
6.3A
0.0150
200
38.8863
UBM 008
8A
0.0106
200
91.5381
UBM 010
10A
0.0075
200
189.180
UBM 012
12A
0.0058
200
296.369
UBM 12.5
12.5A
0.0055
200
323.438
UBM 015
15A
0.0047
200
412.420
UBM 016
16A
0.0040
200
462.274
Product Characteristics
Operating Temperature
-55 ºC to 125 ºC
Material
Body: Ceramic
Caps: Nickel Plated Brass
Packaging
Packaging Option
Quantity
Bulk
1,000 pcs / box
Interrupting Rating
1500 amperes at 250V AC
Mechanical Dimensions (mm)
20.0±0.5
UBM


Similar Part No. - UBM

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
UBM-A CONQUER-UBM-A Datasheet
151Kb / 1P
5.2Ø x 20 mm
UBM-A.100 CONQUER-UBM-A.100 Datasheet
151Kb / 1P
5.2Ø x 20 mm
UBM-A.400 CONQUER-UBM-A.400 Datasheet
151Kb / 1P
5.2Ø x 20 mm
UBM-A.500 CONQUER-UBM-A.500 Datasheet
151Kb / 1P
5.2Ø x 20 mm
UBM-A.630 CONQUER-UBM-A.630 Datasheet
151Kb / 1P
5.2Ø x 20 mm
More results

Similar Description - UBM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMD ETC1-GMD Datasheet
73Kb / 2P
5 X 20 mm FERRULE FUSES
logo
Littelfuse
217032P LITTELFUSE-217032P Datasheet
303Kb / 2P
5 x 20 mm Fast-Acting Fuse
logo
Schurter Inc.
07510056 SCHURTER-07510056 Datasheet
393Kb / 2P
Clip, 5 x 20 / 6.3 x 32 mm, UR
logo
List of Unclassifed Man...
AFB0912HD ETC2-AFB0912HD Datasheet
122Kb / 1P
92 x 92 x 20 MM SERIES
AFB0512VHD ETC2-AFB0512VHD Datasheet
169Kb / 1P
50 x 50 x 20 MM SERIES
HHT ETC1-HHT Datasheet
442Kb / 1P
5 mm x 15 mm and 5 mm x 20 mm in-line fuse holder
logo
Eaton All Rights Reserv...
HBH EATON-HBH Datasheet
396Kb / 2P
5 mm x 20 mm fuse holders
HHT EATON-HHT Datasheet
473Kb / 1P
5 mm x 15 mm and 5 mm x 20 mm in-line fuse holder
logo
Schurter Inc.
0751.0056 SCHURTER-0751.0056_V01 Datasheet
230Kb / 2P
Clip, 5 x 20 / 6.3 x 32 mm, UR
15.09.2021
logo
Delta Electronics, Inc.
AFB0605LD DELTA-AFB0605LD Datasheet
389Kb / 2P
60 x 60 x 20 MM SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com