Electronic Components Datasheet Search
  English  ▼

X  

MBRM10L Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRM10L
Description  High Efficiency DC-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRM10L Datasheet(HTML) 2 Page - ON Semiconductor

  MBRM10L Datasheet HTML 1Page - ON Semiconductor MBRM10L Datasheet HTML 2Page - ON Semiconductor MBRM10L Datasheet HTML 3Page - ON Semiconductor MBRM10L Datasheet HTML 4Page - ON Semiconductor MBRM10L Datasheet HTML 5Page - ON Semiconductor MBRM10L Datasheet HTML 6Page - ON Semiconductor MBRM10L Datasheet HTML 7Page - ON Semiconductor MBRM10L Datasheet HTML 8Page - ON Semiconductor MBRM10L Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Page 
Portable Solutions
Low Profile, Small Footprint Packaging
ON Semiconductor offers the latest in low-profile, small-outline packaging.
We enable the design and production of ultra-thin end-user products for the
consumer market, by manufacturing some of the lowest profile packaging
available in the world, in vast volumes. Whether you are designing mobile
phones, MP3 players, digital still cameras, PDAs, game players, or other portable
appliances, our packaging technology allows the ON Semiconductor product
portfolio to be used in designs with the most demanding space constraints.
All of our packages are available with Pb-free leads to ensure compliance with
RoHS standards.
SOT−553, 5 LEAD
0.50 mm
BSC
0.35 mm
BSC
0.08 (0.003)
X
0.20 mm
0.15 mm
5 PL
0.13 mm
1.60 mm
1.00 mm
1.20 mm
0.80 mm
Y
1 2
3
4
5
0.20 mm
0.55 mm
0.45 mm
1.60 mm
1.00 mm
SOD–723
1.00 mm
0.60 mm
0.28 mm
0.12 mm
0.52 mm
0.20 mm
2X
0.08 (0.0032) X Y
1.40 mm
SOD–923
0.80 mm
0.60 mm
0.20 mm
0.12 mm
0.40 mm
0.10 mm
2X
0.08 (0.0032)
NOT TO SCALE
X Y
1.00 mm
0.10 mm
0.10 mm
X
0.08
5X
Y
1 2
3
4
5
SOT−953



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com