Electronic Components Datasheet Search
  English  ▼

X  

MBRM10 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MBRM10
Description  High Efficiency DC-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRM10 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MBRM10 Datasheet HTML 3Page - ON Semiconductor MBRM10 Datasheet HTML 4Page - ON Semiconductor MBRM10 Datasheet HTML 5Page - ON Semiconductor MBRM10 Datasheet HTML 6Page - ON Semiconductor MBRM10 Datasheet HTML 7Page - ON Semiconductor MBRM10 Datasheet HTML 8Page - ON Semiconductor MBRM10 Datasheet HTML 9Page - ON Semiconductor MBRM10 Datasheet HTML 10Page - ON Semiconductor MBRM10 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Page 7
ON Semiconductor
Smaller, Thinner, Faster, Cooler & Safer Charging Switch Elements
Charging Switches
Device Type
Package
WDFN 2x2 mm
SOT-23/TSOP-6
ChipFET
FET Single
NTLJS11P
NTGSP
NTHS101P, NTHS51
Low VCE(sat) BJT
NSS1500UWT1G
NSS0100LT1G
NSS500CF8T1G
FET + Schottky
NTLJF117P
NTGF1P
NTHD101F, NTHDP0F
FET Dual
NTLJD115P
NTGD161P
NTHD10P, NTHD01P
Key Features
• Thermal Performance >1.5 W
• Package Footprints as Small as  mm
• Low Profile <0.8 mm
ISNS
VCC
Charging Switch
VSNS
CFLG
ISEL
CMP
+
+
Cout
+
Cin
RISEL
RSNS
C
LED
GND
VIN
Rectifiers Manage Big Power in Small Packages
Typical Charging Switch Circuit
Schottky Rectifiers
Device
VRRM
Vf
Current
Package
MBRM110E
10 V
0.6 V
1 A
POWERMITE®
MBRM10E
0 V
0.6 V
1 A
POWERMITE
MBRM10L
0 V
0. V
1 A
POWERMITE
MBRM10
0 V
0.5 V
1 A
POWERMITE
MBR050L
0 V
0. V
0.5 A
SOD-1
MBR050
0 V
0. V
0.5 A
SOD-1
MBR050
0 V
0.6 V
0.5 A
SOD-1
MBR10
0 V
0.7 V
1 A
SOD-1
Typical Switch Elements
Single FET
Dual FET
BJT
FET +
Schottky
0
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
1.0
0.1
0.3
0.1
0.2
0.4
0.6
0.5
TJ = 150°C
TJ = 125°C
TJ = 85°C
TJ = 25°C
TJ = -40°C
MBRM130L Typical Forward Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com