Electronic Components Datasheet Search
  English  ▼

X  

MBR050 Datasheet(PDF) 9 Page - ON Semiconductor

Part # MBR050
Description  High Efficiency DC-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR050 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MBR050 Datasheet HTML 5Page - ON Semiconductor MBR050 Datasheet HTML 6Page - ON Semiconductor MBR050 Datasheet HTML 7Page - ON Semiconductor MBR050 Datasheet HTML 8Page - ON Semiconductor MBR050 Datasheet HTML 9Page - ON Semiconductor MBR050 Datasheet HTML 10Page - ON Semiconductor MBR050 Datasheet HTML 11Page - ON Semiconductor MBR050 Datasheet HTML 12Page - ON Semiconductor MBR050 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Page 9
ON Semiconductor
Optimize Efficiency and Space with Inductive and Charge Pump LED Drivers
Application
LED Type
Number of LEDs/
Connection
Topology
Product
Key Feature
Display
Backlighting
Standard, 10-5 mA
 LEDs/Parallel
Linear
NUD4301: Adjustable (1-0 mA) constant current
driver; DFN-8 ( x  mm)
Linear or PWM dimming
 - 5 LEDs/Series
Inductive
NCP5006/5007: Up to 9% efficiency PFM boost,
1 V/ 1 W output; thin SOT--5 ( x  mm)
Simple, open LED output clamp
 - 5 LEDs/Series
Inductive
NCP5005: Enhanced version of NCP5006 - high EMI
immunity
Enhanced EMI immunity, best for RF
sensitive application
 - 5 LEDs/Series
Inductive
NCP5010: 1 MHz PWM boost,  V/0.5 W output, inte-
grated rectifier & true-cutoff; uBump-8 (1.7 x 1.7 mm)
Highly integrated driver
 LEDs/Parallel
Charge Pump
NCP5602: 90% peak efficiency,  outputs (5 mA
each), % current matching, IC; LLGA-1 ( x  mm)
ICON mode; IC dimming control
 LEDs/Parallel
Charge Pump
NCP5612:  outputs (5 mA each), IC; LLGA-1
( x  mm)
ICON mode; S-Wire link dimming control
 - 6 LEDs/Series
Inductive
NCP106: Up to 90% efficiency, PFM (up to 1 MHz),
5 V/0.5 W output; thin SOT--5 ( x  mm)
Can operate from 1 or  alkaline or
Ni-based cells
 or  LEDs/Parallel
Charge Pump
NCP5604A/B: Consistent 90% efficiency,  or 
outputs (5 mA each), 0.5% current matching;
TQFN-16 ( x  x 0.8 mm)
NCP560A: Drives  LEDs
NCP506B: Drives  LEDs
Flash (Torch)
Low current - up to 50 mA for
1 cell/100 mA for  cell
Single LED
Inductive
NCP100ASN50: Fixed frequency PWM micropower
boost converter; thin SOT--5 ( x  mm)
Can operate from 1 or  alkaline or
Ni-based cells
Medium current/Multi-die
WLED, 100-50 mA
Single
(or multiple in parallel)
Charge Pump
NCP5603: 00 mA cont/50 mA pulsed, voltage regu-
lated output, .5 V or 5 V, 75% eff; DFN-10 ( x  mm)
High-current single output charge pump
Medium current up to 50 mA
for  cell and 100 mA for  cell
 - 6 LEDs/Series
Inductive
NCP106: Up to 90% efficiency, PFM (up to 1 MHz),
5 V/0.5 W output; thin SOT--5 ( x  mm)
Simple, low cost
High current WLED, up to
600 mA
Single
(or multiple in parallel)
Inductive
NCP11: PFM boost (up to 1. MHz), sync rec, output
up to 5 V, 600 mA cont, 9% eff, true-cutoff, 50 nA
shutdown current; Micro8 ( x 5 mm)
Synchronous rectification
High current WLED, up to
800 mA
Single
(or multiple in parallel)
Inductive
NCP1: PFM boost (up to 1. MHz), sync rec, output
up to 5 V, 800 mA cont, 9% eff, true-cutoff, 50 nA
shutdown current; DFN-10 ( x  mm)
Synchronous rectification
High current WLED, up to 1 A
 - 5 LEDs/Series
Inductive
NCP5050:  V/.5 W output, PWM, 1.7 MHz; DFN-10
Integrated switch for  adjustable output
current levels
Single Driver
for Backlight &
Flash
LED (10 - 5 mA),
Flash LED (100 - 00 mA)
 LEDs + Flash LED
Charge Pump
NCP5608: Consistent 90% efficiency, 8 outputs ( @
5 mA each +  @ 100 mA each), 0.5% current
matching; TQFN- ( x  mm)
One chip lighting solution
OLED Driver
Supply
—
—
Inductive
NCP106: Up to 90% efficiency, PFM (up to 1 MHz),
5 V/0.5 W output; thin SOT--5 ( x  mm)
Can operate from 1 or  alkaline or
Ni-based cells
4.7 F/10 V
C4
GND
Vbat
1
CHARGE PUMP
DC−DC CONVERTER
16
15
C3
220 nF
14
13
C2
11
10
C1
12
Vout
GND
1 F/10 V
C5
8
7
Q1
Q2
6
Q3
5
Q4
9
PGND
Vbat
DIGITAL CONTROL
2
EN
ANALOG CONTROL
GND
3
100 k
R1
4
AGND
OVERTEMPERATURE
OVERVOLTAGE
220 nF
220 nF
Charge Pump Solution — NCP5604A
MBR0530
4
2
3
5
1
LWT67C
LWT67C
LWT67C
LWT67C
LWT67C
NCP5005
EN
Pulse
GND
GND
GND
22
R1
GND
GND
D1
L1
22 H
C1
4.7 F
C2
1.0 F
D6
D5
D4
D3
D2
FB
Vbat
Vout
Inductive Solution — NCP5005
BOLD denotes new or pending device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com