Electronic Components Datasheet Search
  English  ▼

X  

DPER01 Datasheet(PDF) 3 Page - Schneider Electric

Part # DPER01
Description  Thermal overload relay,Easy TeSys DPER,0.1-0.16A,class 10
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DPER01 Datasheet(HTML) 3 Page - Schneider Electric

  DPER01 Datasheet HTML 1Page - Schneider Electric DPER01 Datasheet HTML 2Page - Schneider Electric DPER01 Datasheet HTML 3Page - Schneider Electric DPER01 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Number Of Units In Package 2
24
Package 2 Height
5.91 in (15 cm)
Package 2 Width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
Package 2 Weight
7.84 lb(US) (3.556 kg)
Unit Type Of Package 3
P06
Number Of Units In Package 3
384
Package 3 Height
30.31 in (77 cm)
Package 3 Width
23.62 in (60 cm)
Package 3 Length
31.50 in (80 cm)
Package 3 Weight
155.00 lb(US) (70.308 kg)
Mar 18, 2024
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com