Electronic Components Datasheet Search
  English  ▼

X  

DPER02 Datasheet(PDF) 2 Page - Schneider Electric

Part # DPER02
Description  Thermal overload relay,Easy TeSys DPER,0.16-0.25A,class 10
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DPER02 Datasheet(HTML) 2 Page - Schneider Electric

  DPER02 Datasheet HTML 1Page - Schneider Electric DPER02 Datasheet HTML 2Page - Schneider Electric DPER02 Datasheet HTML 3Page - Schneider Electric DPER02 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Connections - Terminals
Control circuit screw clamp terminals 2 0.00…0.00 in² (1…2.5 mm²) flexible without
cable end
Control circuit screw clamp terminals 2 0.00…0.00 in² (1…2.5 mm²) flexible with
cable end
Control circuit screw clamp terminals 2 0.00…0.00 in² (1…2.5 mm²) solid without
cable end
Power circuit screw clamp terminals 1 0.00…0.01 in² (1.5…6 mm²) flexible without
cable end
Power circuit screw clamp terminals 1 0.00…0.01 in² (1…4 mm²) flexible with cable
end
Power circuit screw clamp terminals 1 0.00…0.01 in² (1…6 mm²) solid without cable
end
Tightening Torque
Control circuit 15.05 lbf.in (1.7 N.m) screw clamp terminals
Power circuit 15.05 lbf.in (1.7 N.m) screw clamp terminals
Height
2.60 in (66 mm)
Width
1.77 in (45 mm)
Depth
2.76 in (70 mm)
Net Weight
0.27 lb(US) (0.124 kg)
Environment
Ip Degree Of Protection
IP20 conforming to IEC 60529
Protective Treatment
TH IEC 60068
Temperature Compensation
-4…140 °F (-20…60 °C)
Ambient Air Temperature For
Operation
-4…140 °F (-20…60 °C) without derating IEC 60947-4-1
Ambient Air Temperature For
Storage
-76…158 °F (-60…70 °C)
Shock Resistance
15 gn 11 ms IEC 60068-2-7
Vibration Resistance
6 gn on plate IEC 60068-2-6
Standards
EN/IEC 60947-4-1
EN/IEC 60947-5-1
UL 60947-4-1
UL 60947-5-1
CUL
Product Certifications
cUL
Ordering and shipping details
Category
US10I1322363
Discount Schedule
0I13
Gtin
3606485332550
Returnability
No
Country Of Origin
FR
Packing Units
Unit Type Of Package 1
PCE
Number Of Units In Package 1
1
Package 1 Height
1.93 in (4.9 cm)
Package 1 Width
3.03 in (7.7 cm)
Package 1 Length
3.46 in (8.8 cm)
Package 1 Weight
4.90 oz (139.0 g)
Unit Type Of Package 2
S02
2
Mar 18, 2024



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com