Electronic Components Datasheet Search
  English  ▼

X  

DPER07 Datasheet(PDF) 1 Page - Schneider Electric

Part # DPER07
Description  Thermal overload relay,Easy TeSys DPER,1.6-2.5A,class 10
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DPER07 Datasheet(HTML) 1 Page - Schneider Electric

  DPER07 Datasheet HTML 1Page - Schneider Electric DPER07 Datasheet HTML 2Page - Schneider Electric DPER07 Datasheet HTML 3Page - Schneider Electric DPER07 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Thermal overload relay,Easy
TeSys DPER,1.6-2.5A,class 10
DPER07
Product availability: Stock - Normally stocked in distribution
facility
Price*: 28.75 USD
Main
Range
Easy TeSys
Product Name
Easy TeSys DPER
Product Or Component Type
Thermal overload relay
Device Short Name
DPER
Relay Application
Overload protection
Product Compatibility
Contactor DPE09-38
Thermal Protection Adjustment
Range
1.6…2.5 A
Thermal Overload Class
Class 10 IEC 60947-4-1
[Ui] Rated Insulation Voltage
Power circuit 600 V cUL
Power circuit 690 V IEC 60947-4-1
Complementary
Network Type
DC
AC
Network Frequency
0...400 Hz
Auxiliary Contact Composition
1 NO + 1 NC
[Ith] Conventional Free Air
Thermal Current
5 A signalling circuit
Permissible Current
3 A 120 V AC-15 signalling circuit
0.22 A 125 V DC-13 signalling circuit
Phase Failure Sensitivity
Tripping current 130 % of Ir on two phase, the last one at 0
Tripping Threshold
1.14 +/- 0.06 Ir IEC 60947-4-1
Protection Type
BS fuse 5 A - control circuit
GB2 circuit breaker 5 A - control circuit
GG fuse 5 A - control circuit
[Ue] Rated Operational Voltage
690 V AC 0...400 Hz power circuit IEC 60947-4-1
[Uimp] Rated Impulse Withstand
Voltage
6 kV
Surge Withstand
6 kV IEC 60801-5
Dielectric Strength
1.89 kV 50 Hz IEC 60947-1
Control Type
Red push-button stop
Blue push-button reset
Mounting Support
Separate, with specific accessories
Under contactor
Product data sheet
Specifications
Mar 18, 2024
1
Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.


Similar Part No. - DPER07

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DPER07 SCHNEIDER-DPER07 Datasheet
133Kb / 3P
Easy TeSys DPER thermal overload relay, 1.6??2.5 A, class 10
May 7, 2021
More results

Similar Description - DPER07

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DPER03 SCHNEIDER-DPER03 Datasheet
127Kb / 2P
Easy TeSys DPER thermal overload relay, 0.25??0.40 A, class 10
May 7, 2021
DPER04 SCHNEIDER-DPER04 Datasheet
127Kb / 2P
Easy TeSys DPER thermal overload relay, 0.40??0.63 A, class 10
May 7, 2021
DPER05 SCHNEIDER-DPER05 Datasheet
127Kb / 2P
Easy TeSys DPER thermal overload relay, 0.63??1 A, class 10
May 7, 2021
DPER06 SCHNEIDER-DPER06 Datasheet
133Kb / 3P
Easy TeSys DPER thermal overload relay, 1??.7 A, class 10
May 7, 2021
DPER07 SCHNEIDER-DPER07 Datasheet
133Kb / 3P
Easy TeSys DPER thermal overload relay, 1.6??2.5 A, class 10
May 7, 2021
DPER08 SCHNEIDER-DPER08 Datasheet
133Kb / 3P
Easy TeSys DPER thermal overload relay, 2.5?? A, class 10
May 7, 2021
DPER10 SCHNEIDER-DPER10 Datasheet
133Kb / 3P
Easy TeSys DPER thermal overload relay, 4?? A, class 10
May 7, 2021
DPER12 SCHNEIDER-DPER12 Datasheet
133Kb / 3P
Easy TeSys DPER thermal overload relay, 5.5?? A, class 10
May 7, 2021
DPER14 SCHNEIDER-DPER14 Datasheet
133Kb / 3P
Easy TeSys DPER thermal overload relay, 7??0 A, class 10
May 7, 2021
DPER21 SCHNEIDER-DPER21 Datasheet
134Kb / 3P
Easy TeSys DPER thermal overload relay, 12??18 A, class 10
May 7, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com