Electronic Components Datasheet Search
  English  ▼

X  

PCK2010RA Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCK2010RA
Description  CK98R 100/133MHz RCC spread spectrum system clock generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2010RA Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCK2010RA Datasheet HTML 3Page - NXP Semiconductors PCK2010RA Datasheet HTML 4Page - NXP Semiconductors PCK2010RA Datasheet HTML 5Page - NXP Semiconductors PCK2010RA Datasheet HTML 6Page - NXP Semiconductors PCK2010RA Datasheet HTML 7Page - NXP Semiconductors PCK2010RA Datasheet HTML 8Page - NXP Semiconductors PCK2010RA Datasheet HTML 9Page - NXP Semiconductors PCK2010RA Datasheet HTML 10Page - NXP Semiconductors PCK2010RA Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Philips Semiconductors
Product specification
PCK2010RA
CK98R (100/133MHz) RCC spread spectrum
system clock generator
2001 Apr 02
7
DC CHARACTERISTICS
TEST CONDITIONS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = 0 to +70°C
UNIT
SYMBOL
PARAMETER
VDD
(V)
OTHER
MIN
TYP
MAX
VIH
HIGH level input voltage
3.135 to 3.465
VDD25V =
2.5 V
±5%
2.0
VDD + 0.3
V
VIL
LOW level input voltage
3.135 to 3.465
VDD3V =
3.3 V
±5%
VSS – 0.3
0.8
V
VOH2
2.5 V output HIGH voltage
CPUCLK, IOAPIC, CPUDIV2
2.375 to 2.625
IOH = –1 mA
2.0
–
V
VOL2
2.5 V output LOW voltage
CPUCLK, IOAPIC, CPUDIV2
2.375 to 2.625
IOL = 1 mA
–
0.4
V
VOH3
3.3 V output HIGH voltage
REF, 48 MHz USB
3.135 to 3.465
IOH = –1 mA
2.0
–
V
VOL3
3.3 V output LOW voltage
REF, 48 MHz USB
3.135 to 3.465
IOL = 1 mA
–
0.4
V
VOH3
3.3 V output HIGH voltage
PCI, 3V66
3.135 to 3.465
IOH = –1 mA
2.4
–
V
VOL3
3.3 V output LOW voltage
PCI, 3V66
3.135 to 3.465
IOL= 1 mA
–
0.55
V
IO
CPUCLK
2.375
VOUT = 1.0 V
–27
–
mA
IOH
output HIGH current
2.625
VOUT = 2.375 V
–
–27
mA
IO
48 MHz USB, REF
3.135
VOUT = 1.0 V
–29
–
mA
IOH
,
output HIGH current
3.465
VOUT = 3.135 V
–
–23
mA
IO
PCI, 3V66
3.135
VOUT = 1.0 V
–33
–
mA
IOH
,
output HIGH current
3.465
VOUT = 3.135 V
–
–33
mA
IO
CPUCLK
2.375
VOUT = 1.2 V
27
–
mA
IOL
output LOW current
2.625
VOUT = 0.3 V
–
30
mA
IO
48 MHz USB, REF
3.135
VOUT = 1.95 V
29
–
mA
IOL
,
output LOW current
3.465
VOUT = 0.4 V
–
27
mA
IO
PCI, 3V66
3.135
VOUT = 1.95 V
30
–
mA
IOL
,
output LOW current
3.465
VOUT = 0.4 V
–
38
mA
±II
Input leakage current
3.465
–
5
µA
±IOZ
3-State output OFF-State
current
3.465
VOUT =
Vdd or GND
IO = 0
–
10
µA
Cin
Input pin capacitance
5
pF
Cxtal
Xtal pin capacitance, as seen
by external crystal
18
pF
Cout
Output pin capacitance
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com