Electronic Components Datasheet Search
  English  ▼

X  

PCK2010RADL Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCK2010RADL
Description  CK98R 100/133MHz RCC spread spectrum system clock generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2010RADL Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCK2010RADL Datasheet HTML 8Page - NXP Semiconductors PCK2010RADL Datasheet HTML 9Page - NXP Semiconductors PCK2010RADL Datasheet HTML 10Page - NXP Semiconductors PCK2010RADL Datasheet HTML 11Page - NXP Semiconductors PCK2010RADL Datasheet HTML 12Page - NXP Semiconductors PCK2010RADL Datasheet HTML 13Page - NXP Semiconductors PCK2010RADL Datasheet HTML 14Page - NXP Semiconductors PCK2010RADL Datasheet HTML 15Page - NXP Semiconductors PCK2010RADL Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Philips Semiconductors
Product specification
PCK2010RA
CK98R (100/133MHz) RCC spread spectrum
system clock generator
2001 Apr 02
12
AC WAVEFORMS
VM = 1.25 V @ VDDQ2 and 1.5 V @ VDDQ3
VX = VOL + 0.3 V
VY = VOH –0.3 V
VOL and VOH are the typical output voltage drop that occur with the
output load.
CPUCLK
@133MHz
1.5V
1.25V
VDDQ2
VSS
VDDQ3
VSS
THPOFFSET
SW00354
3v66
@66MHz
CPU leads 3V66
Figure 1. CPUCLK to 3V66 offset
1.5V
1.5V
PCICLK
@ 33MHz
VDDQ3
VSS
VDDQ3
VSS
THPOFFSET
SW00356
3V66 leads PCICLK
3V66
@ 66MHz
Figure 2. 3V66 to PCI offset
CPUCLK
@ 133MHz
1.25V
1.25V
IOAPIC
@ 16.6MHz
VDDQ2
VSS
VDDQ2
VSS
THPOFFSET
SW00357
CPUCLK leads IOAPIC
Figure 3. CPU to IOAPIC offset
THKP
DUTY CYCLE
THKH
TRISE
TFALL
THKL
TPKP
TPKH
TRISE
TFALL
TPKL
2.5V CLOCKING
INTERFACE
3.3V CLOCKING
INTERFACE
(TTL)
2.0
1.25
0.4
2.4
1.5
0.4
SW00242
Figure 4. 2.5V/3.3V clock waveforms
VDDQ2
2.5 V MEASUREMENT POINTS
VOH = 2.0 V
VIH = 1.7 V
1.25 V
VIL = 0.7 V
VOL = 0.4 V
VSS
SYSTEM
MEASUREMENT
POINTS
VDDQ3
3.3 V MEASUREMENT POINTS
VOH = 2.4 V
VIH = 2.0 V
1.5 V
VIL = 0.7 V
VOL = 0.4 V
VSS
COMPONENT
MEASUREMENT
POINTS
SYSTEM
MEASUREMENT
POINTS
COMPONENT
MEASUREMENT
POINTS
SW00243
Figure 5. Component versus system measure points
tPLZ
tPZL
VI
SEL133/100,
SEL1, SEL0
GND
VDD
OUTPUT
LOW-to-OFF
OFF-to-LOW
VOL
VOH
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
VSS
outputs
enabled
outputs
enabled
outputs
disabled
tPHZ
VM
VM
VM
tPZH
VX
VY
SW00454
Figure 6. 3-State enable and disable times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com