Electronic Components Datasheet Search
  English  ▼

X  

28339AS Datasheet(PDF) 1 Page - Belden Inc.

Part # 28339AS
Description  TC VN/PVC, 5 C #16 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

28339AS Datasheet(HTML) 1 Page - Belden Inc.

  28339AS Datasheet HTML 1Page - Belden Inc. 28339AS Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 28339AS
TC VN/PVC, 5 C #16 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER
150V NPLF 90C Dry/Wet SUN RES DIR BUR
Product Description
UL Type TC (1277) PVC-Nylon/PVC, 5 Conductor 16AWG (7x24) Bare Copper, PVC-NYL Insulation E2 Color Code, Overall Beldfoil® Shield, Black PVC
Outer Jacket, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
Technical Specifications
Product Overview
Suitable Applications:
Power and Control Applications up to 600V
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 5
16 AWG 7x24
BC - Bare Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) PVC/Nylon - Polyvinyl Chloride + Nylon 0.020 in (0.51 mm) 0.099 in (2.5 mm)
Black, Red, Blue, Orange, Yellow
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
16 AWG (7x24) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter Ripcord
PVC - Polyvinyl Chloride 0.047 in (1.2 mm) 0.366 in
Yes
Overall Cable Diameter (Nominal): 0.366 in
Electrical Characteristics
Electricals
Nom. Conductor DCR
Max. Current
4.2 Ohm/1000ft
14.4 Amps per Conductor at 30ºC
Voltage
UL Voltage Rating
600 V (TC-ER), 150 V (NPLF)
Mechanical Characteristics
Temperature
UL Temperature
Operating
90°C Dry, 90°C Wet Wet/Dry: -30°C to 90°C
Bend Radius
Stationary Min.
Installation Min.
4.392 in (111.6 mm) 4.392 in


Similar Part No. - 28339AS

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
28339 WIHA-28339 Datasheet
360Kb / 1P
Cat. IV Voltage Detector - Battery Operated
28339 WIHA-28339 Datasheet
2Mb / 20P
PROFESSIONAL TORQUE CONTROL
28339 WIHA-28339 Datasheet
6Mb / 44P
Professional Insulated Tools
logo
PHOENIX CONTACT
2833929 PHOENIX-2833929 Datasheet
60Kb / 4P
Plug-in module - V3- 12- 24UC
2833932 PHOENIX-2833932 Datasheet
60Kb / 4P
Plug-in module - V3- 48- 60UC
More results

Similar Description - 28339AS

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
28083AS BELDEN-28083AS Datasheet
164Kb / 2P
TC VN/PVC, 5 C #14 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28323AS BELDEN-28323AS Datasheet
164Kb / 2P
TC VN/PVC, 7 C #16 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28330A BELDEN-28330A Datasheet
158Kb / 2P
TC VN/PVC, 16 C #16 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28331AS BELDEN-28331AS Datasheet
164Kb / 2P
TC VN/PVC, 3 C #16 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28335A BELDEN-28335A Datasheet
158Kb / 2P
TC VN/PVC, 5 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28335AS BELDEN-28335AS Datasheet
164Kb / 2P
TC VN/PVC, 5 C #18 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28341AS BELDEN-28341AS Datasheet
185Kb / 2P
TC VN/PVC, 12 C #16 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28617AS BELDEN-28617AS Datasheet
164Kb / 2P
TC VN/PVC, 10 C #16 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28627A BELDEN-28627A Datasheet
158Kb / 2P
TC VN/PVC, 37 C #16 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28624AS BELDEN-28624AS Datasheet
186Kb / 2P
TC VN/PVC, 19 C #16 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-07-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com