Electronic Components Datasheet Search
  English  ▼

X  

89913 Datasheet(PDF) 1 Page - Belden Inc.

Part # 89913
Description  50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid BC, Foil 90% TC Braid, PVDF Jkt, CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

89913 Datasheet(HTML) 1 Page - Belden Inc.

  89913 Datasheet HTML 1Page - Belden Inc. 89913 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 89913
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid BC, Foil + 90%
TC Braid, PVDF Jkt, CMP
Product Description
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid Bare Copper Conductor , FEP Insulation, Foil + 90% Tinned Copper Braid Shield, PVDF Jacket,
CMP
Technical Specifications
Product Overview
Suitable Applications:
Point-to-point and point-to-multipoint wireless antenna communication; Wireless microphones, Two-Way Radios, Amateur (Ham) Radio, Low Power FM, GPS, RFID (Radio
Frequency Identification)
Construction Details
RG Type:
8
Conductor
Size
Stranding Nom. Diameter
Material
10 AWG Solid
0.108 in
BC - Bare Copper
Insulation
Material
Nom. Insulation Diameter Color Code
Notes
FEP - Fluorinated Ethylene Propylene 0.292 in (7.42 mm)
Clear
Solid FEP monofilament spiral around conductor. Solid FEP tube over monofilament
Outer Shield
Layer Outer Shield Type
Material
Material Trade Name Coverage
1
Tape
Tri-Laminate (Alum+Poly+Alum) Duobond® II
100%
2
Braid
Tinned Copper (TC)
90%
Outer Jacket
Material
Nom. Diameter
PVDF - Polyvinylidene Fluoride 0.360 in (9.14 mm)
Overall Cable Diameter
(Nominal):
0.360 in (9.14 mm)
Electrical Characteristics
Attenuation
Frequency Nom. Attenuation
1 MHz
0.1 dB/100ft
10 MHz
0.4 dB/100ft
50 MHz
1.0 dB/100ft
100 MHz
1.6 dB/100ft
200 MHz
2.3 dB/100ft
400 MHz
3.4 dB/100ft
700 MHz
5.0 dB/100ft
900 MHz
6.0 dB/100ft
1000 MHz
6.9 dB/100ft
Electricals


Similar Part No. - 89913

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8991 3M-8991 Datasheet
132Kb / 5P
3M™ Polyester Tape 8991/8991L
Apr-2015
8991 3M-8991 Datasheet
132Kb / 5P
3M™ Polyester Tape
Apr-2015
logo
Festo Corporation.
8991 FESTO-8991 Datasheet
88Kb / 1P
Roller lever valve
4/8/22
logo
3M Electronics
8991L 3M-8991L Datasheet
132Kb / 5P
3M™ Polyester Tape
Apr-2015
More results

Similar Description - 89913

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1506A BELDEN-1506A Datasheet
244Kb / 4P
Serial Digital Coax, RG59, 20 AWG Solid BC, Duofoil짰 95% TC Braid, CMP
1695A BELDEN-1695A Datasheet
246Kb / 4P
Serial Digital Coax, RG6, #18 Solid BC, Foil 95% TC braid, CMP
1855P BELDEN-1855P Datasheet
241Kb / 3P
Serial Digital Coax, Sub-miniature, #23 Solid BC, Foil 95% TC braid, CMP
7732A BELDEN-7732A Datasheet
240Kb / 3P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMP
8216 BELDEN-8216 Datasheet
229Kb / 2P
50 Ohm Wireless Transmission Coax, RG-174
9913 BELDEN-9913 Datasheet
237Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
8219 BELDEN-8219 Datasheet
229Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid, PVC Jkt, CM
7733A BELDEN-7733A Datasheet
145Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid BC, Foil 90% TC Braid, PVDF Jkt, CMP, Low Loss
04-14-2023
7808A BELDEN-7808A Datasheet
241Kb / 3P
50 Ohm Wireless Transmission Coax, RF 240, RG58X, 15 AWG Solid BC, Foil 95% TC Braid, PE Jkt
12-15-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com