Electronic Components Datasheet Search
  English  ▼

X  

9290 Datasheet(PDF) 2 Page - Belden Inc.

Part # 9290
Description  Analog Video, RG6 #18 Solid BC, Double 95% BC Braids, PVC Jacket, CM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9290 Datasheet(HTML) 2 Page - Belden Inc.

  9290 Datasheet HTML 1Page - Belden Inc. 9290 Datasheet HTML 2Page - Belden Inc. 9290 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Frequency (Nominal/Typical)
Frequency [MHz] Nom. Insertion Loss
1 MHz
0.2 dB/100ft
10 MHz
0.7 dB/100ft
50 MHz
1.7 dB/100ft
100 MHz
2.5 dB/100ft
200 MHz
3.6 dB/100ft
400 MHz
5 dB/100ft
700 MHz
7.2 dB/100ft
900 MHz
8.3 dB/100ft
1000 MHz
8.8 dB/100ft
Delay
Nominal Delay Nominal Velocity of Propagation (VP) [%]
1.25 ns/ft
81%
Voltage
UL Voltage Rating
300 V RMS
Temperature Range
Non-UL Temp Rating:
80°C
Operating Temperature Range:
-40°C To +80°C
Mechanical Characteristics
Bulk Cable Weight:
54 lbs/1000ft
Max. Pull Tension:
108 lbs
Min. Bend Radius/Minor Axis:
3 in
Standards
NEC/(UL) Compliance:
CM
CEC/C(UL) Compliance:
CM
CPR Euroclass:
Eca
RG Type:
6
Series Type:
6
Applicable Environmental and Other Programs
Environmental Space:
Indoor/Outdoor
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/11/EC (BFR):
Yes
EU Directive 2011/65/EU (RoHS 2):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU (RoHS 2 amendment):
Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
Yes
MII Order #39 (China RoHS):
Yes
Suitability
Suitability - Indoor:
Yes
Suitability - Outdoor:
Yes
Flammability, LS0H, Toxicity Testing
UL Flammability:
UL1685 UL Loading
IEC Flammability:
IEC 60332-1-2
UL voltage rating:
300 V RMS
Plenum/Non-Plenum
Plenum (Y/N):
No



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com