Electronic Components Datasheet Search
  English  ▼

X  

ZRT025 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZRT025
Description  2.5V LOW POWERPRECISION REFERENCE SOURCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZRT025 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZRT025 Datasheet HTML 1Page - Zetex Semiconductors ZRT025 Datasheet HTML 2Page - Zetex Semiconductors ZRT025 Datasheet HTML 3Page - Zetex Semiconductors ZRT025 Datasheet HTML 4Page - Zetex Semiconductors ZRT025 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
SEMICO NDUC TORS
DESCRIPTION
The ZRT025 is a monolithic integrated circuit providing
a precise stable reference voltage of 2.5V at 500 A.
The circuit features a knee current of 150 A and
operation over a wide range of temperatures and
currents.
The ZRT025 is available for surface mount
applications. This product offers a trim facility whereby
the output voltage can be adjusted as shown in Fig.1.
This facility is used when compensating for system
errors or setting the reference output to a particular
value. When the trim facility is not used, the pin should
be left open circuit.
FEATURES
• Trimmable output
• Excellent temperature stability
• Low output noise figure
• Available in two temperature ranges
• 1 and 2% initial voltage tolerance versions available
• No external stabilizing capacitor required in most cases
• Low slope resistance
• No derating required at low temperatures
• SOT223 package
A grade
-55 to 125°C
C grade
-40 to 85°C
ZRT025
ISSUE 4 - DECEMBER 2003
2.5V LOW POWERPRECISION REFERENCE SOURCE
DEVICE
TOL%
OPERATING TEMP °C
PARTMARK
REEL
SIZE
TAPE
WIDTH
QUANTITY
PER REEL
ZRT025GC2TA
2
-40 to 85
ZRT025C2
7”
12mm
1,000 units
ZRT025GC1TA
1
-40 to 85
ZRT025C1
7”
12mm
1,000 units
ZRT025GA1TA
1
-55 to 125
ZRT025A1
7”
12mm
1,000 units
ORDERING INFORMATION
SOT223
Package suffix G
Top view (pin 4 floating or
connected to pin 2)
SOT223


Similar Part No. - ZRT025

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRT025 ZETEX-ZRT025 Datasheet
162Kb / 4P
2.5V LOW POWER PRECISION REFERENCE SOURCE
logo
Diodes Incorporated
ZRT025 DIODES-ZRT025 Datasheet
179Kb / 5P
2.5V LOW POWERPRECISION REFERENCE SOURCE
DECEMBER 2003
logo
Zetex Semiconductors
ZRT025A1 ZETEX-ZRT025A1 Datasheet
162Kb / 4P
2.5V LOW POWER PRECISION REFERENCE SOURCE
ZRT025C1 ZETEX-ZRT025C1 Datasheet
162Kb / 4P
2.5V LOW POWER PRECISION REFERENCE SOURCE
ZRT025C2 ZETEX-ZRT025C2 Datasheet
162Kb / 4P
2.5V LOW POWER PRECISION REFERENCE SOURCE
More results

Similar Description - ZRT025

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRT025 ZETEX-ZRT025 Datasheet
162Kb / 4P
2.5V LOW POWER PRECISION REFERENCE SOURCE
logo
Linear Technology
LT1009 LINER-LT1009 Datasheet
140Kb / 8P
2.5V Reference
RH1009 LINER-RH1009 Datasheet
125Kb / 2P
2.5V Reference
LM136-2.5 LINER-LM136-2.5 Datasheet
131Kb / 4P
2.5V Reference
LT1009 LINER-LT1009_05 Datasheet
119Kb / 8P
2.5V Reference
logo
Diodes Incorporated
ZRT025 DIODES-ZRT025 Datasheet
179Kb / 5P
2.5V LOW POWERPRECISION REFERENCE SOURCE
DECEMBER 2003
logo
Linear Integrated Syste...
LT1009MH LINEAR-LT1009MH Datasheet
105Kb / 8P
2.5V Reference
logo
Linear Technology
LM136-2.5 LINER-LM136-2.5_15 Datasheet
137Kb / 4P
2.5V Reference
LM336-2.5 LINER-LM336-2.5_15 Datasheet
137Kb / 4P
2.5V Reference
LT1009 LINER-LT1009_15 Datasheet
123Kb / 8P
2.5V Reference
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com