Electronic Components Datasheet Search
  English  ▼

X  

NLAS4599 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NLAS4599
Description  Low Voltage Single Supply SPDT Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4599 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NLAS4599 Datasheet HTML 3Page - ON Semiconductor NLAS4599 Datasheet HTML 4Page - ON Semiconductor NLAS4599 Datasheet HTML 5Page - ON Semiconductor NLAS4599 Datasheet HTML 6Page - ON Semiconductor NLAS4599 Datasheet HTML 7Page - ON Semiconductor NLAS4599 Datasheet HTML 8Page - ON Semiconductor NLAS4599 Datasheet HTML 9Page - ON Semiconductor NLAS4599 Datasheet HTML 10Page - ON Semiconductor NLAS4599 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NLAS4599
http://onsemi.com
9
Figure 22. RON vs. Temp, VCC = 5.0 V
Figure 23. RON vs. Temp, VCC = 5.5 V
20
15
10
25
VIS (VDC)
5
0
0.0
2.0
1.5
1.0
0.5
2.5
3.0
3.5
4.0
4.5
5.0
25
°C
85
°C
125
°C
−55
°C
20
15
10
25
VIS (VDC)
5
0
0.0
2.0
1.5
1.0
0.5
2.5
3.0 3.5 4.0 4.5 5.0
5.5
25
°C
85
°C
125
°C
−55
°C
ORDERING INFORMATION
Device
Device Nomenclature
Package
Shipping†
Circuit
Indicator
Technology
Device
Function
Suffix
NLAS4599DFT2
NL
AS
DF
T2
SC−88
3000 / Tape & Reel
NLAS4599DFT2G
NL
AS
DF
T2G
SC−88
(Pb−Free)
3000 / Tape & Reel
NLAS4599DTT1
NL
AS
DT
T1
TSOP−6
3000 / Tape & Reel
NLAS4599DTT1G
NL
AS
DT
T1G
TSOP−6
(Pb−Free)
3000 / Tape & Reel
NLVAS4599DFT2
NL
AS
DF
T2
SC−88
3000 / Tape & Reel
NLVAS4599DFT2G
NL
AS
DF
T2G
SC−88
(Pb−Free)
3000 / Tape & Reel
NLVAS4599DTT1
NL
AS
DT
T1
TSOP−6
3000 / Tape & Reel
NLVAS4599DTT1G
NL
AS
DT
T1G
TSOP−6
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com