Electronic Components Datasheet Search
  English  ▼

X  

NML Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # NML
Description  Isolated 2W Single Output DC-DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NML Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  NML Datasheet HTML 1Page - Murata Power Solutions Inc. NML Datasheet HTML 2Page - Murata Power Solutions Inc. NML Datasheet HTML 3Page - Murata Power Solutions Inc. NML Datasheet HTML 4Page - Murata Power Solutions Inc. NML Datasheet HTML 5Page - Murata Power Solutions Inc. NML Datasheet HTML 6Page - Murata Power Solutions Inc. NML Datasheet HTML 7Page - Murata Power Solutions Inc. NML Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NML Series
Isolated 2W Single Output DC-DC Converters
KDC_NML.J01 Page 1 of 8
www.murata.com
www.murata.com
For full details go to
https://www.murata.com/en-
global/products/power/rohs
SELECTION GUIDE
Order Code
Nominal
Input
Voltage
Output
Voltage
Output
Current
Input
Current
at Rated
Efficiency Isolation
MTTF1
Recommended
Alternative
V
V
mA
mA
%
pF
kHrs
NML0505SC
5
5
400
513
78
19
2327
NML0509SC
5
9
222
492
81
27
1393
NML0512SC
5
12
167
479
84
32
832
NML0515SC
5
15
133
481
83
27
481
NML1205SC
12
5
400
207
81
28
716
NML1212SC
12
12
167
197
85
46
461
NML1209SC
12
9
222
198
84
42
593
Contact Murata
NML1215SC
12
15
133
197
85
54
328
Contact Murata
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation, 5V input types
4.5
5.0
5.5
V
Continuous operation, 12V input types
10.8
12.0
13.2
Reflected ripple current
5V input types
33
mA p-p
12V input types
38
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-40°C to 85°C
2.0
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN
1.0
1.2
%/%
Load Regulation2
10% load to rated load, 5V output types
7.0
8.5
%
10% load to rated load, 9V output types
4.5
5.2
10% load to rated load, 12V output types
4.5
5.5
10% load to rated load, 15V output types
3.7
8.5
Ripple and Noise
NML0505SC, BW=DC to 20MHz
96
200
mV p-p
NML0509SC, BW=DC to 20MHz
67
NML0512SC, BW=DC to 20MHz
59
NML0515SC, BW=DC to 20MHz
53
NML1205SC, BW=DC to 20MHz
76
NML1209SC, BW=DC to 20MHz
63
NML1212SC, BW=DC to 20MHz
53
NML1215SC, BW=DC to 20MHz
45
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso= 500VDC
10
GΩ
1. Calculated using MIL-HDBK-217F with nominal input voltage at full load.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
FEATURES
UL 60950 recognised
Single isolated output
1kVDC isolation ‘Hi Pot Test’
Efficiency up to 85%
Wide temperature performance at full
2 watt load, –40°C to 85°C
Industry standard pinout
5V & 12V inputs
5V, 9V, 12V & 15V outputs
Internal SMD construction
No external components required
MTTF up to 2.3 million hours
Custom solutions available
Pin compatible with CME, CRE1, CRL2,
LME, MEE1, NKE & NME series
No electrolytic or tantalum capacitors
DESCRIPTION
The NML series of DC-DC Converters is particularly
suited to isolating and/or converting DC power
rails. The galvanic isolation allows the device to be
configured to provide an isolated negative rail in
systems where only positive rails exist. The wide
temperature range guarantees startup from –40°C
and full 2 watt output at 85°C.
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
5V input types
90
kHz
12V input types
90


Similar Part No. - NML

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NML CANDD-NML Datasheet
100Kb / 2P
Isolated 2W Single Output DC-DC Converters
logo
NIC-Components Corp.
NML NIC-NML Datasheet
420Kb / 6P
Multilayer Chip Inductors
NML04D2N2TRF NIC-NML04D2N2TRF Datasheet
420Kb / 6P
Multilayer Chip Inductors
NML04D33NTRF NIC-NML04D33NTRF Datasheet
420Kb / 6P
Multilayer Chip Inductors
NML04DR10TRF NIC-NML04DR10TRF Datasheet
420Kb / 6P
Multilayer Chip Inductors
More results

Similar Description - NML

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NML CANDD-NML Datasheet
100Kb / 2P
Isolated 2W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XM-2W MICRODC-B-XM-2W Datasheet
932Kb / 4P
Isolated 2W Single Output DC/DC Converters
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
Isolated 2W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NML0505SC MURATA-NML0505SC Datasheet
206Kb / 5P
Isolated 2W Single Output DC/DC Converters
logo
Microdc power Technolog...
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
Isolated 2W Single Output DC/DC Converters
2B-XNM MICRODC-2B-XNM Datasheet
655Kb / 4P
Isolated 2W Single Output DC/DC Converters
logo
Murata Power Solutions ...
NMG0505SC MURATA-PS-NMG0505SC Datasheet
840Kb / 7P
Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL-2W TOPPOWER-TPL-2W Datasheet
115Kb / 3P
2W Isolated Single Output DC/DC Converters
TPL-3KVDC TOPPOWER-TPL-3KVDC Datasheet
169Kb / 3P
2W Isolated Single Output DC/DC Converters
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
2W Isolated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com