Electronic Components Datasheet Search
  English  ▼

X  

R850 Datasheet(PDF) 5 Page - CommScope Inc.

Part # R850
Description  Indoor Wi-Fi 6 8x8:8 Access Point with 5.9 Gbps Data Rate
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMMSCOPE [CommScope Inc.]
Direct Link  https://www.commscope.com/
Logo COMMSCOPE - CommScope Inc.

R850 Datasheet(HTML) 5 Page - CommScope Inc.

  R850 Datasheet HTML 1Page - CommScope Inc. R850 Datasheet HTML 2Page - CommScope Inc. R850 Datasheet HTML 3Page - CommScope Inc. R850 Datasheet HTML 4Page - CommScope Inc. R850 Datasheet HTML 5Page - CommScope Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ORDERING INFORMATION
901-R850-XX00
R850 dual-band (5GHz and 2.4GHz concurrent) 802.11ax wireless
access point, Ultra-High Density performance, 12 spatial
streams, adaptive antennas, PoE support. Includes adjustable
acoustic drop ceiling bracket. Two Ethernet ports with 1GbE and
5Gbe. Does not include power adaptor
PLEASE NOTE: When ordering Indoor APs, you must specify the destination region by indicating -US,
-WW, or -Z2 instead of XX. When ordering PoE injectors or power supplies, you must specify the
destination region by indicating -US, -EU, -AU, -BR, -CN, -IN, -JP, -KR, -SA, -UK, or -UN instead of -XX.
For access points, -Z2 applies to the following countries: Algeria, Egypt, Israel, Morocco, Tunisia, and
Vietnam.
OPTIONAL ACCESSORIES
902-0180-XX00
· PoE Injector (60W)
902-1170-XX00
· Power Supply (48V, 0.75A, 36W)
902-1180-XX00
· Multigigabit PoE injector (2.5/5/10)-BaseT PoE port, 60W
902-0120-0000
· Spare, Accessory Mounting Bracket
PLEASE NOTE: When ordering Indoor APs, you must specify the destination region by indicating -US,
or -Winstead of XX. When ordering PoE injectors or power supplies, you must specify the destination
region by indicating -US, -EU, -AU, -BR, -CN, -IN, -JP, -KR, -SA, -UK, or -UN instead of -XX.
RUCKUS® R850
Indoor Wi-Fi 6 8x8:8 Access Point with 5.9 GbpsData Rate
CommScope pushes the boundaries of communications technology with game-changing ideas and ground-breaking discoveries
that spark profound human achievement. We collaborate with our customers and partners to design, create and build the
world’s most advanced networks. It is our passion and commitment to identify the next opportunity and realize a better
tomorrow. Discover more at commscope.com
commscope.com
Visit our website or contact your local CommScope representative for more information.
© 2022 CommScope, Inc. All rights reserved.
All trademarks identified by ™ or ® are trademarks or registered trademarks in the US and may be registered in other countries. All product names, trademarks
and registered trademarks are property of their respective owners. This document is for planning purposes only and is not intended to modify or supplement any
specifications or warranties relating to CommScope products or services.
PA-114450.5-EN (09/21)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com