Electronic Components Datasheet Search
  English  ▼

X  

PCK2057 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK2057
Description  70 - 190 MHz I2C differential 1:10 clock driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2057 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK2057 Datasheet HTML 1Page - NXP Semiconductors PCK2057 Datasheet HTML 2Page - NXP Semiconductors PCK2057 Datasheet HTML 3Page - NXP Semiconductors PCK2057 Datasheet HTML 4Page - NXP Semiconductors PCK2057 Datasheet HTML 5Page - NXP Semiconductors PCK2057 Datasheet HTML 6Page - NXP Semiconductors PCK2057 Datasheet HTML 7Page - NXP Semiconductors PCK2057 Datasheet HTML 8Page - NXP Semiconductors PCK2057 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product data
PCK2057
70 – 190 MHz I2C differential 1:10 clock driver
2
2001 Jun 12
853–2253 26485
FEATURES
• Optimized for clock distribution in DDR (Double Data Rate)
SDRAM applications supporting DDR 200/266/300/333
• Full DDR solution provided when used with PCK2002P or
PCK2002PL, and PCK2022RA
• 1-to-10 differential clock distribution
• Very low jitter (< 100 ps)
• Operation from 2.2 V to 2.7 V AV
DD and 2.3 V to 2.7 V VDD
• SSTL_2 interface clock inputs and outputs
• HCSL to SSTL_2 input conversion
• Test mode enables buffers while disabling PLL
• Tolerant of Spread Spectrum input clock
• 3.3 V I2C support with 3.3 V V
DDI
2C
• 2.5 V I2C support with 2.5 V V
DDI
2C
• Form, fit, and function compatible with CDCV850
DESCRIPTION
The PCK2057 is a high-performance, low-skew, low-jitter zero delay
buffer that distributes a differential clock input pair (CLK, CLK) to ten
differential pairs of clock outputs and one differential pair of
feedback clock outputs. The clock outputs are controlled by the
clock inputs (CLK, CLK), the feedback clocks (FBIN, FBIN), the
2-line serial interface (SDA, SCL), and the analog power input
(AVDD). The two-line serial interface (I2C) can put the individual
output clock pairs in a high-impedance state. When AVDD is tied to
GND, the PLL is turned off and bypassed for test purposes.
The device provides a standard mode (100 kbits) I2C interface for
device control. The implementation is as a slave/receiver. The serial
inputs (SDA, SCL) provide integrated pull-up resistors (typically
100 k
Ω).
Two 8-bit, 2-line serial registers provide individual enable control for
each output pair. All outputs default to enabled at power-up. Each
output pair can be placed in a high-impedance mode, when a
low-level control bit is written to the control register. The registers
must be accessed in sequential order (i.e., random access of the
registers is not supported). The I2C interface circuit can be supplied
with either 2.5 V or 3.3 V (VDDI2C).
Since the PCK2057 is based on PLL circuitry, it requires a
stabilization time to achieve phase-lock of the PLL. This stabilization
time is required following power-up.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
21
22
23
24
41
42
43
44
45
46
47
48
GND
Y0
Y0
VDDQ
Y1
Y1
GND
Y2
GND
Y2
VDDQ
SCL
CLK
CLK
VDDI2C
AVDD
AGND
GND
Y3
Y3
VDDQ
Y4
Y4
GND
GND
Y5
Y5
VDDQ
Y6
Y6
GND
GND
Y7
Y7
VDDQ
SDA
FBIN
FBIN
VDDQ
FBOUT
FBOUT
GND
Y8
Y8
VDDQ
Y9
Y9
SW00506
GND
PIN DESCRIPTION
PINS
SYMBOL
DESCRIPTION
1, 7, 8, 18, 24, 25, 31,
41, 42, 48
GND
Ground
2, 3, 5, 6, 9, 10, 19, 20,
22, 23, 26, 27, 29, 30,
32, 33, 39, 40, 43, 44,
46, 47
Yn, Yn,
FBOUT, FBOUT
Buffered output
copies of input clock,
CLK
4, 11, 21, 28, 34, 38,
45
VDDQ
2.5 V supply
13, 14, 35, 36
CLK, CLK,
FBIN, FBIN
Differential clock
inputs and feedback
differential clock
inputs
16
AVDD
Analog power
17
AGND
Analog ground
37
SDA
Serial data
12
SCL
Serial clock
15
VDDI2C
I2C power
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
48-Pin Plastic TSSOP
0 to +70
°C
PCK2057DGG
SOT362-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com