Electronic Components Datasheet Search
  English  ▼

X  

ZTR250 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZTR250
Description  FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZTR250 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZTR250 Datasheet HTML 1Page - Zetex Semiconductors ZTR250 Datasheet HTML 2Page - Zetex Semiconductors ZTR250 Datasheet HTML 3Page - Zetex Semiconductors ZTR250 Datasheet HTML 4Page - Zetex Semiconductors ZTR250 Datasheet HTML 5Page - Zetex Semiconductors ZTR250 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FIXED 2.5 AND 5 VOLT
3-TERMINAL VOLTAGE REFERENCES
ISSUE 4 - MARCH 1998
DEVICE DESCRIPTION
The ZTR250 and ZTR500 are precision three
terminal references. These devices are ideal
for battery powered applications where
power saving is important. They offer low
power alternatives to other two terminal
shunt references.
The ZTR devices do not require an external
resistor and, in contrast to two terminal
references, waste none of the battery power
as load current varies. The ZTR only
consumes 30
µA supply current.
The two devices require as low as 1.4 volts
between input and output for regulation.
Output voltage tolerance is
± 2.5%, with a
voltage variation of 0.275mV/°C over the
-55°C to 125°C operating range.
FEATURES
• Small outline SOT23 and SOT89
packages
• TO92 package
• 2.5V and 5V output
• 2.5% tolerance
• Supply current independent of input
voltage over temperature
• Output current up to 50mA
• Very low supply current (30µA)
• Unconditionally stable
• Internal short circuit current limit
APPLICATIONS
• Battery Powered Systems
• Portable and Hand Held Equipment
• Instrumentation
• Metering
ZTR250
ZTR500
Vin
Vout
Gnd
SCHEMATIC DIAGRAM
4-388


Similar Part No. - ZTR250

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTR250 DIODES-ZTR250 Datasheet
90Kb / 6P
FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
MARCH 1998
More results

Similar Description - ZTR250

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMR ZETEX-ZMR Datasheet
193Kb / 10P
FIXED 2.5 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Seme LAB
IP78M05ADP SEME-LAB-IP78M05ADP Datasheet
13Kb / 2P
3 TERMINAL LOW CURRENT 5 VOLT POSITIVE VOLTAGE REGULATOR
logo
Microsemi Corporation
SG109 MICROSEMI-SG109 Datasheet
50Kb / 3P
5 -VOLT FIXED VOLTAGE REGULATORS
logo
Zetex Semiconductors
ZMR ZETEX-ZMR_07 Datasheet
245Kb / 12P
Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR ZETEX-ZMR_08 Datasheet
252Kb / 12P
Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
logo
Microsemi Corporation
SG109 MICROSEMI-SG109_1 Datasheet
261Kb / 3P
5 -VOLT FIXED VOLTAGE REGULATORS
logo
Diodes Incorporated
ZMR250 DIODES-ZMR250 Datasheet
107Kb / 11P
FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
Rev 10
ZTR250 DIODES-ZTR250 Datasheet
90Kb / 6P
FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
MARCH 1998
ZMR DIODES-ZMR Datasheet
187Kb / 7P
FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
Rev 11
logo
DATEL, Inc.
LBR-123 DATEL-LBR-123 Datasheet
384Kb / 3P
5 Volt Positive Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com