Electronic Components Datasheet Search
  English  ▼

X  

ZTR250C02 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZTR250C02
Description  FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZTR250C02 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZTR250C02 Datasheet HTML 1Page - Zetex Semiconductors ZTR250C02 Datasheet HTML 2Page - Zetex Semiconductors ZTR250C02 Datasheet HTML 3Page - Zetex Semiconductors ZTR250C02 Datasheet HTML 4Page - Zetex Semiconductors ZTR250C02 Datasheet HTML 5Page - Zetex Semiconductors ZTR250C02 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ZTR500
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS (Unless otherwise stated):Tj=25°C, IO=10mA, Vin=10V
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
V
O
Output Voltage
4.875
5
5.125
V
IO=0 to 50mA
Tj=-55 to 125°C
4.780
5.160
V
Vin=7 to 20V
IO=0 to 50mA
Tj=-55 to 125°C
4.780
5.175
V
∆V
O
Line Regulation
V
in=7 to 20V
5
15
mV
∆V
O
Load Regulation
I
O=0 to 50mA
IO=0 to 10mA
25
15
40
mV
mV
l
s
Supply Current
Tj=-55 to 125°C
50
70
µA
∆l
s
Supply Current Change
I
O=0 to 50mA
Vin=7 to 20V
1
2
±10
10
µA
µA
V
n
Output Noise Voltage
f=10Hz to 10kHz
90
µV
(rms)
∆V
in/∆VO
Ripple Rejection
Vin=8 to 18V
f=120Hz
55
72
dB
V
in
Input Voltage Required
To Maintain Regulation
7
6.7
V
∆V
O/∆T
Average Temperature
Coefficient of VO
IO=5.0mA
Tj=-55 to 125°C
0.275
0.700
mV/°C
ZTR250
ZTR500
4-390



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com