Electronic Components Datasheet Search
  English  ▼

X  

ZTR250F02 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZTR250F02
Description  FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZTR250F02 Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZTR250F02 Datasheet HTML 1Page - Zetex Semiconductors ZTR250F02 Datasheet HTML 2Page - Zetex Semiconductors ZTR250F02 Datasheet HTML 3Page - Zetex Semiconductors ZTR250F02 Datasheet HTML 4Page - Zetex Semiconductors ZTR250F02 Datasheet HTML 5Page - Zetex Semiconductors ZTR250F02 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ORDERING INFORMATION
CONNECTION DIAGRAMS
TO92
Package Suffix – C
Bottom View
SOT23
Package Suffix – F
Top View
SOT89
Package Suffix – Z
Top View
ZTR250
ZTR500
Part
Number
Tol
%
Package Part Mark
ZTR250C02
2.5
TO92
ZTR25002
ZTR250F02
2.5
SOT23
25U
ZTR250Z02
2.5
SOT89
25U
ZTR500C02
2.5
TO92
ZTR50002
ZTR500F02
2.5
SOT23
50N
ZTR500Z02
2.5
SOT89
50N
4-393



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com