Electronic Components Datasheet Search
  English  ▼

X  

PCK2023DGG Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCK2023DGG
Description  CK408 66/100/133/200 MHz spread spectrum differential system clock generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2023DGG Datasheet(HTML) 3 Page - NXP Semiconductors

  PCK2023DGG Datasheet HTML 1Page - NXP Semiconductors PCK2023DGG Datasheet HTML 2Page - NXP Semiconductors PCK2023DGG Datasheet HTML 3Page - NXP Semiconductors PCK2023DGG Datasheet HTML 4Page - NXP Semiconductors PCK2023DGG Datasheet HTML 5Page - NXP Semiconductors PCK2023DGG Datasheet HTML 6Page - NXP Semiconductors PCK2023DGG Datasheet HTML 7Page - NXP Semiconductors PCK2023DGG Datasheet HTML 8Page - NXP Semiconductors PCK2023DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Philips Semiconductors
Product data
PCK2023
CK408 (66/100/133/200 MHz) spread
spectrum differential system clock generator
2001 Sep 07
3
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
56
ref
3.3 V 14.318 MHz clock output.
2
XTAL_In
14.318 MHz crystal input.
3
XTAL_Out
14.318 MHz crystal output.
44, 45, 48, 49, 51, 52
CPU & CPU
[2:0]
Differential CPU clock outputs.
33
3V66_0
3.3 V 66 MHz clock output.
35
3V66_1/VCH
3.3 V selectable through I2C to be 66 MHz or 48 MHz
24
66In/3V66_5
66 MHz input to buffered 66Buff and PCI or 66 MHz clock from internal VCO.
21, 22, 23
66Buff [2:0] / 3V66 [4:2]
66 MHz buffered outputs from 66 input or 66 MHz clocks from internal VCO.
5, 6, 7
PCIF
[2:0]
33 MHz clocks divided down from 66 input or divided down from 3V66.
10, 11, 12, 13, 16, 17,
18
PCI
[6:0]
PCI clock outputs divided down from 66 input or divided down from 3V66.
39
USB
Fixed 48 MHz clock output.
38
DOT
Fixed 48 MHz clock output.
40
S2
Special 3.3 V 3 level input for mode selection.
54, 55
S1, S0
3.3 V LVTTL inputs for CPU frequency selection.
42
Iref
A precision resistor is attached to this pin which is connected to the internal current
reference.
43
Mult0
3.3 V LVTTL input for selecting the current multiplier for the CPU outputs.
25
PWRDWN
3.3 V LVTTL input for PowerDown active low.
34
PCI_Stop
3.3 V LVTTL input for PCI_Stop active low.
53
CPU_Stop
3.3 V LVTTL input for CPU_Stop active low.
28
Vtt_Pwrgd
3.3 V LVTTL input is a level sensitive strobe used to determine when S [2:0] and Mult0
inputs are valid and ok to be sampled (active low).
29
SDATA
I2C compatible SDATA.
30
SCLOCK
I2C compatible SCLOCK.
1, 8, 14, 19, 32, 37, 46,
50
VDD
3.3 V power supply for outputs.
26
VDDA
3.3 V power supply for PLL.
4, 9, 15, 20, 31, 36, 41,
47
VSS
Ground for outputs.
27
VSSA
Ground for PLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com