Electronic Components Datasheet Search
  English  ▼

X  

ZHCS400 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZHCS400
Description  SOD323 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHCS400 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZHCS400 Datasheet HTML 1Page - Zetex Semiconductors ZHCS400 Datasheet HTML 2Page - Zetex Semiconductors ZHCS400 Datasheet HTML 3Page - Zetex Semiconductors ZHCS400 Datasheet HTML 4Page - Zetex Semiconductors ZHCS400 Datasheet HTML 5Page - Zetex Semiconductors ZHCS400 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SEMICO NDUC TORS
FEATURES
• Low V
F
• High current capability
• Miniature surface mount package
APPLICATIONS
• DC - DC converters
• Mobile telecomms
• PCMCIA
DEVICE MARKING
• Partmark detail - BD
ZHCS400
ISSUE 4 - MARCH 2007
SOD323 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
“SuperBAT”
SOD323
PARAMETER
SYMBOL
VALUE
UNIT
Continuous Reverse Voltage
V
R
40
V
Forward Current (Continuous)
I
F
400
mA
Forward Voltage @ I
F =400mA
V
F
500
mV
Average Peak Forward Current; D.C. = 50%
I
FAV
1000
mA
Non Repetitive Forward Current
t
100
μs
t
10ms
I
FSM
6.75
3
A
A
Power Dissipation at T
amb=25°C
P
tot
250
mW
Storage Temperature Range
T
stg
-55 to +150
°C
Junction Temperature
T
j
125
°C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
Reverse Breakdown Voltage
V
(BR)R
40
60
V
I
R=200μA
Forward Voltage
V
F
270
300
370
425
550
640
810
440
300
350
460
500
670
780
1050
mV
mV
mV
mV
mV
mV
mV
mV
I
F=50mA
I
F=100mA
I
F=250mA
I
F=400mA
I
F=750mA
I
F=1000mA
I
F=1500mA
I
F=500mA, Tamb=100°C
Reverse Current
I
R
15
40
μA
V
R=30V
Diode Capacitance
C
D
20
pF
f=1MHz,V
R=25V
Reverse Recovery Time
t
rr
10
ns
switched from
I
F = 500mA to IR = 500mA
Measured at I
R =50mA
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
PINOUT - TOP VIEW
Partmark is for example only


Similar Part No. - ZHCS400

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHCS400 ZETEX-ZHCS400 Datasheet
50Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS400 ZETEX-ZHCS400 Datasheet
357Kb / 14P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
ZHCS400 ZETEX-ZHCS400 Datasheet
233Kb / 16P
ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN CIRCUIT PROTECTION IN SC70-6
logo
SEMTECH ELECTRONICS LTD...
ZHCS400 SEMTECH_ELEC-ZHCS400 Datasheet
221Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
ZHCS400 DIODES-ZHCS400 Datasheet
142Kb / 6P
SOD323 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
FEBRUARY 2008
More results

Similar Description - ZHCS400

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHCS400 ZETEX-ZHCS400 Datasheet
50Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS500 ZETEX-ZHCS500 Datasheet
102Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS506 ZETEX-ZHCS506 Datasheet
101Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS750 ZETEX-ZHCS750 Datasheet
165Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS756 ZETEX-ZHCS756 Datasheet
161Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
logo
Diodes Incorporated
ZHCS400 DIODES-ZHCS400 Datasheet
142Kb / 6P
SOD323 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
FEBRUARY 2008
ZHCS506 DIODES-ZHCS506 Datasheet
112Kb / 3P
SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
SEPTEMBER 1997
ZHCS750 DIODES-ZHCS750 Datasheet
177Kb / 3P
SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
OCTOBER 1997
ZHCS756 DIODES-ZHCS756 Datasheet
173Kb / 3P
SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
NOVEMBER 1997
logo
SUNMATE electronic Co.,...
ZHCS400 SUNMATE-ZHCS400 Datasheet
731Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com