Electronic Components Datasheet Search
  English  ▼

X  

LM317 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM317
Description  AC-DC Offline Switching Controllers/Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317 Datasheet(HTML) 3 Page - ON Semiconductor

  LM317 Datasheet HTML 1Page - ON Semiconductor LM317 Datasheet HTML 2Page - ON Semiconductor LM317 Datasheet HTML 3Page - ON Semiconductor LM317 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
ON Semiconductor
Linear Voltage Regulation
General Purpose
MC78LC, MC33565, MC78LXXA, NCV78LXXA, MC33160,
MC34160, MC78MXX/A, MC78MXX/A, MC78XX/A,
NCV78XX, MC78TXX/A, MC79LXXA, MC79MXX, MC79XX/A,
LM317, NCV317, LM350, LM337
Low Drop Out, Fixed Output Voltage, <400 mA
MC33761, NCP500, NCP50, NCP511, NCP51, NCP553,
NCP56, NCP563, NCP66, NCP663, NCV553, NCV8184,
MC78BC, CS8101, CS8151/C, CS901, CS90, L4949,
NCV4949, LM931/A, NCV931/A, LP950C/AC,
LP951C/AC, NCV951, CS831, NCP551, NCV551,
NCP561, NCP546, NCV8501, NCV850, NCP58,
NCP583, NCP63, MC78PC, NCV469, NCV479,NCP580,
NCP584, NCP585, NCV499, MC3375, NCV8518
Low Drop Out, Fixed Output Voltage, ≥400 mA
CS553B, CS81, CS816, CS819, MC3369,
MC3468, NCP1086, NCP1117, NCV1117, NCP3335,
NCP630, NCP631, NCP5661, NCP566, NCP5663,
NCV475, NCV476, NCV8141, NCV8503, NCV8504,
NCV8505, NCV8506, NCP565
Multiple Output
CS8363, CS8183, CS8361, CS8371, CS8156, CS8161,
MC33567, MC3376, NCV8509, NCP467, NCP5504,
NCV5504, NCP453, MC33765
Adjustable Voltage
LP951C/AC, NCV951, LM931C/AC, NCV931C,
NCV8501, NCV850, NCV8503, NCV8504, CS818,
NCP1086, NCP565, NCP860, NCP5661, NCP566,
NCP5663, CS553-1, NCP1117, NCV1117, MC3369,
NCV3369, NCP3335A, NCP3334, NCP600
Voltage Reference
Voltage Reference
NCP100, TLV431, TL431, NCV1009
Voltage Supervisory
Voltage Supervisory
MAX809/10, NCP301-5, NCP803, NCP400
Battery Management
Charge Controllers
MC33340, MC3334, MC33341, NCP1835
Overvoltage Charger Protection
NCP345, NCP346
Audio Power Amplifiers
Audio Power Amplifiers
NCP89, NCP4894
Signal Conditioning
Operational Amplifiers
General Purpose
LM0xx, LMx, LM5x, LM9xx, LM30xx, LM3x, MC33xx, NCVxx
High Current
TCA03xx
High Speed
NCS5xx, NE59xx
Low Noise
LM8xx, MC33xx, NE55xx
Low Power
MC33xx, LM358, MC33179
Low Voltage
MC33xxx, NCS0xx, NCS71xx, NE5xx
Comparators
Dual Comparators
LM9xx, LM39xx, NCV9xx, NE5xx
Quad Comparators
LM3xx, LM9xx, LM33xx, MC33xx, NCVxx
Single Comparators
LM1x, LM31x, NCSxx
Compandors
Compandors
NE57xx, SA57xx
Interface & Specials
Interface & Special Devices (cont.)
Timers
MC1455, NCV1455
Motor Control
CS41, CS419, MC33033, MC33035, MC33039, MC3479,
TDA1035, NCV33033, NCV33035, NCV33039, NCV770B
Automotive LIN/CAN
NCV7356, NCV7380, NCV738
Interface & Special Devices
Balanced Modulator/Demodulator
MC1496
Data Transmission
MC14xx, MC6xx, MC34xx, MC75xx, NCN500, NCV7361A
Smartcard Interface ICs
NCN60xx
Sensor Interface
CS114, CS41163


Similar Part No. - LM317

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317 NSC-LM317 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
logo
Tiger Electronic Co.,Lt...
LM317 TGS-LM317 Datasheet
157Kb / 3P
   3-Terminal Positive Adjustable Regulator
logo
List of Unclassifed Man...
LM317 ETC2-LM317 Datasheet
308Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM317 ETL-LM317 Datasheet
255Kb / 5P
   HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
More results

Similar Description - LM317

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SR086 MICROCHIP-SR086 Datasheet
541Kb / 16P
   Adjustable Offline Inductorless Switching Regulators
11/07/16
logo
Texas Instruments
LM3444 TI1-LM3444_15 Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM TI-LM3444MM Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444 TI1-LM3444_14 Datasheet
965Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM TI1-LM3444MM Datasheet
971Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
logo
AiT Semiconductor Inc.
AP8010 AITSEMI-AP8010 Datasheet
370Kb / 13P
   AC-DC PWM CONTROLLER PRIMARY SWITCHING REGULATORS
REV1.0
logo
Diodes Incorporated
ZXSC4X0 DIODES-ZXSC4X0 Datasheet
483Kb / 17P
   DC-DC BOOST SWITCHING CONTROLLERS
ZXSC410 DIODES-ZXSC410_15 Datasheet
512Kb / 17P
   DC-DC BOOST SWITCHING CONTROLLERS
logo
Maxim Integrated Produc...
MAX16801A MAXIM-MAX16801A_10 Datasheet
209Kb / 16P
   Offline and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 2; 1/10
logo
List of Unclassifed Man...
C2472 ETC2-C2472 Datasheet
466Kb / 18P
   RDFC Controllers for Offline Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com