Electronic Components Datasheet Search
  English  ▼

X  

PCK2509SA Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCK2509SA
Description  50-150 MHz 1:9 SDRAM clock driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2509SA Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCK2509SA Datasheet HTML 2Page - NXP Semiconductors PCK2509SA Datasheet HTML 3Page - NXP Semiconductors PCK2509SA Datasheet HTML 4Page - NXP Semiconductors PCK2509SA Datasheet HTML 5Page - NXP Semiconductors PCK2509SA Datasheet HTML 6Page - NXP Semiconductors PCK2509SA Datasheet HTML 7Page - NXP Semiconductors PCK2509SA Datasheet HTML 8Page - NXP Semiconductors PCK2509SA Datasheet HTML 9Page - NXP Semiconductors PCK2509SA Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Philips Semiconductors
Product specification
PCK2509SA
50–150 MHz 1:9 SDRAM clock driver
2000 Dec 01
8
PARAMETER MEASUREMENT INFORMATION
SW00384
3V
0V
VOH
VOL
OUTPUT
INPUT
50% VCC
50% VCC
tf
tr
2 V
0.4 V
2 V
0.4 V
FROM OUTPUT
UNDER TEST
30 pF
500
Ω
LOAD CIRCUIT FOR OUTPUTS
VOLTAGE WAVEFORMS & PHASE ERROR TIMES
NOTES:
1. CL includes probe and jig capacitance.
2. All input pulses are supplied by generators having the following characteristics: PRR
≤ 100 MHz, ZO = 50 Ω , tr ≤ 1.2 ns, tf ≤
1.2 ns.
3. The outputs are measured one at a time with one transition per measurement.
tpe
Figure 6. Load Circuit and Voltage Waveforms
FBIN
CLKIN
tphase error
FBOUT
ANY Y
tSK(0)
ANY Y
ANY Y
tSK(0)
SW00385
Figure 7. Phase Error and Skew Calculations



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com