Electronic Components Datasheet Search
  English  ▼

X  

1848574 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1848574
Description  PTS 1,5/ 6-PH-5,0 CLIP - Printed-circuit board connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1848574 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1848574 Datasheet HTML 1Page - PHOENIX CONTACT 1848574 Datasheet HTML 2Page - PHOENIX CONTACT 1848574 Datasheet HTML 3Page - PHOENIX CONTACT 1848574 Datasheet HTML 4Page - PHOENIX CONTACT 1848574 Datasheet HTML 5Page - PHOENIX CONTACT 1848574 Datasheet HTML 6Page - PHOENIX CONTACT 1848574 Datasheet HTML 7Page - PHOENIX CONTACT 1848574 Datasheet HTML 8Page - PHOENIX CONTACT 1848574 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 10 A, rated
voltage (III/2): 400 V, contact surface: Tin, contact connection type: Socket, number of potentials:
6, number of rows: 1, number of positions: 6, number of connections: 6, product range: PTS 1,5/.
.-PH CLIP, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, plug-in system: COMBICON PST 1,3, locking: without, type of
packaging: packed in cardboard
Your advantages
Time saving push-in connection, tools not required
•
Defined contact force ensures that contact remains stable over the long term
•
Intuitive operation due to color-coded actuating push button
•
Can be snapped into device housing thanks to CLIP geometry
•
Largest possible clamping space in a small component size
•
Commercial data
Item number
1848574
Packing unit
100 pc
Minimum order quantity
100 pc
Note
Made to order (non-returnable)
Sales key
AA02
Product key
AABFRB
GTIN
4055626282343
Weight per piece (including packing)
4.343 g
Weight per piece (excluding packing)
4.343 g
Customs tariff number
85366990
Country of origin
BG
PTS 1,5/ 6-PH-5,0 CLIP - Printed-circuit board
connector
1848574
https://www.phoenixcontact.com/us/products/1848574
Mar 12, 2024, 6:03 AM
Page 1 (12)


Similar Part No. - 1848574

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
184857 FESTO-184857 Datasheet
93Kb / 1P
Clamping module
12/7/22
More results

Similar Description - 1848574

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1805562 PHOENIX-1805562 Datasheet
69Kb / 3P
Printed-circuit board connector - PTS 1,5/ 7-PH-5,0
1805588 PHOENIX-1805588 Datasheet
69Kb / 3P
Printed-circuit board connector - PTS 1,5/ 9-PH-5,0
1805591 PHOENIX-1805591 Datasheet
67Kb / 3P
Printed-circuit board connector - PTS 1,5/10-PH-5,0
1805520 PHOENIX-1805520 Datasheet
110Kb / 6P
Printed-circuit board connector - PTS 1,5/ 3-PH-5,0
09/12/2020
1805559 PHOENIX-1805559 Datasheet
110Kb / 6P
Printed-circuit board connector - PTS 1,5/ 6-PH-5,0
09/12/2020
1805575 PHOENIX-1805575 Datasheet
110Kb / 6P
Printed-circuit board connector - PTS 1,5/ 8-PH-5,0
09/12/2020
1848558 PHOENIX-1848558 Datasheet
117Kb / 6P
Printed-circuit board connector - PTS 1,5/ 4-PH-5,0 CLIP
09/12/2020
1848639 PHOENIX-1848639 Datasheet
116Kb / 6P
Printed-circuit board connector - PTS 1,5/12-PH-5,0 CLIP
09/12/2020
1848590 PHOENIX-1848590 Datasheet
433Kb / 12P
PTS 1,5/ 8-PH-5,0 CLIP - Printed-circuit board connector
1848532 PHOENIX-1848532 Datasheet
431Kb / 12P
PTS 1,5/ 2-PH-5,0 CLIP - Printed-circuit board connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com