Electronic Components Datasheet Search
  English  ▼

X  

MSOP8 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # MSOP8
Description  Thermal Resistance and Derating Information
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

MSOP8 Datasheet(HTML) 1 Page - Zetex Semiconductors

  MSOP8 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MSOP8 1.1W devices (Single Die)
0
20
40
60
80
100
120
140
160
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Derating Curve
Temperature (°C)
100µ
1m
10m
100m
1
10
100
1k
0
20
40
60
80
100
120
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
j-a=113°C/W Maximum
Mounted on a FR4 p.c.b.
of 25mm x 25mm with
high coverage of single
sided 1oz copper, in still
air conditions.
MSOP8 1.1W Derating (Single Die)
0
20
40
60
80
100
120
140
160
0.0
0.2
0.4
0.6
0.8
1.0
Derating Curve
Temperature (°C)
100µ
1m
10m
100m
1
10
100
1k
0
20
40
60
80
100
120
140
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
MSOP8 0.87W Derating (One Active Die)
MSOP8 0.87W devices (One Active Die)
j-a=143°C/W Maximum
One Active Die
MSOP8 Thermal Resistance and Derating Information


Similar Part No. - MSOP8

ManufacturerPart #DatasheetDescription
logo
Rohm
MSOP8 ROHM-MSOP8 Datasheet
38Kb / 2P
LSI Assembly
logo
Diodes Incorporated
MSOP8-EP DIODES-MSOP8-EP Datasheet
404Kb / 27P
SUGGESTED PAD LAYOUT
Rev 52
More results

Similar Description - MSOP8

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
Low Thermal Resistance
logo
Zetex Semiconductors
SM8 ZETEX-SM8 Datasheet
76Kb / 1P
Thermal Resistance and Derating Information
SOD323 ZETEX-SOD323 Datasheet
93Kb / 1P
Thermal Resistance and Derating Information
SOT23 ZETEX-SOT23 Datasheet
199Kb / 1P
Thermal Resistance and Derating Information
SOT23-6 ZETEX-SOT23-6 Datasheet
75Kb / 1P
Thermal Resistance and Derating Information
SOT89 ZETEX-SOT89 Datasheet
67Kb / 1P
Thermal Resistance and Derating Information
SOT223 ZETEX-SOT223 Datasheet
218Kb / 1P
Thermal Resistance and Derating Information
SOT323 ZETEX-SOT323 Datasheet
106Kb / 1P
Thermal Resistance and Derating Information
logo
SunLED Corporation
XSM2CRK983W SUNLED-XSM2CRK983W Datasheet
233Kb / 3P
Low power consumption and thermal resistance
XSM2DG983W SUNLED-XSM2DG983W Datasheet
226Kb / 3P
Low power consumption and thermal resistance
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com