Electronic Components Datasheet Search
  English  ▼

X  

FMS Datasheet(PDF) 1 Page - Heyco.

Part # FMS
Description  Fan Mounts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

FMS Datasheet(HTML) 1 Page - Heyco.

  FMS Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“Stay Connected” with
Venting Solutions
®
5-8
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
Heyco® Fan Mounts
PANEL DIMENSIONS
FAN DIMENSIONS
PART
DESCRIPTION
MAT’L
PART DIMENSIONS
STYLE
Max. Panel
Mounting
Mounting
Thickness
Thickness
Hole Dia.
Hole Dia.
AB
C
D
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
FMS - Standard
.055
1,4
.197
5,0
.20
5,0
.08
2,0
0345
FMS-1
EPDM 30
.05
1,3
.06
1,5
.07
1,9
1.27
32,3
1
0346
FMS-2
EPDM 40
.12
3,1
0348
FMS-3
EPDM 30
.05
1,3
.06
1,5
.12
3,0
.87
22,2
2
0349
FMS-4
EPDM 40
.031
0,8
.138
3,5
.14
3,5
.79
20,0
0354
FMS-5
Silicone
.03
0,7
.06
1,5
.73
18,5
2.20
56,0
Rubber 40
.118
3,0
.169
4,3
.17
4,3
.59
15,0
0355
FMS-6
Silicone
.10
2,5
.08
2,0
.55
14,0
2.12
53,8
3
Rubber 40
.031
0,8
.138
3,5
.14
3,5
.98-
25,0-
0356
FMS-7
Silicone
.03
0,7
.06
1,5
.94
24,0
2.87
73,0
1.10
28,0
Rubber 40
FMM - Multi
.039-.059
1,0-1,5
.177-.189 4,5-4,8
.13-.18
3,2-4,5
.39-
10,0-
0357
FMM-1
Silicone
see schematic drawing
4
2.00
51,0
Rubber 40
FMB - Break-Away
.16-.18
4,0-4,5
.98-
25,0-
0359
FMB-1
Silicone
see schematic drawing
5
2.01
51,0
Rubber 40
up to
up to
.031-.063
0,8-1,6
.177-.197 4,5-5,0
.13-.14
3,2-3,5
.40
10,0
0363
FMB-2
Silicone
see schematic drawing
6
Rubber 40
up to
up to
.16-.18
4,0-4,5
.98
25,0
C
B
A
SECTION A-A
D
A
A
.32
(8,0 mm)
A
B
C
.25
(6,3 mm)
D
SECTION A-A
A
A
.09
(2,3 mm)
.41
(10,3 mm)
A
B
C
D
SECTION A-A
A
A
.09
(2,3 mm)
.31
(8,0 mm)
4.69
(119,2mm)
.09
(2.3 mm)
.31
(8,0 mm)
2.20
(55,8 mm)
2.50
(63,4 mm)
.32
(10,0 mm)
3.29
(83,5 mm)
2.36
(60,0 mm)
.09 (2,3 mm)
.93
(23,5 mm)
Style 6
Style 5
Style 1
Style 3
Style 2
Style 4
4.33
(110,0 mm)
5.26
(133,5 mm)
.39
(10,0 mm)
.09
(2,3 mm)
.93
(23,5 mm)


Similar Part No. - FMS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FMS MSYSTEM-FMS Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
logo
Schurter Inc.
FMS SCHURTER-FMS Datasheet
225Kb / 2P
Fuseholder Open Design, Holder for MSx 250, THT
04.01.2022
logo
Isabellenhütte Heu...
FMS ISABELLENHUETTE-FMS Datasheet
607Kb / 4P
2 mOhms ±1% 3.5W Chip Resistor 2512 (6432 Metric) Automotive AEC-Q200, Current Sense, Moisture Resistant, Pulse Withstanding
11-November-2019
logo
M-System Co.,Ltd.
FMS-0-K MSYSTEM-FMS-0-K Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FMS-0-K/K MSYSTEM-FMS-0-K/K Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FMS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TC9200 PHILIPS-TC9200 Datasheet
153Kb / 4P
Indoor Camera Mounts
1998
logo
List of Unclassifed Man...
7369 ETC2-7369 Datasheet
327Kb / 1P
LED SPACER MOUNTS
7351 ETC2-7351 Datasheet
114Kb / 2P
LED SPACER MOUNTS
7374 ETC2-7374 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8917 ETC2-8917 Datasheet
114Kb / 2P
LED SPACER MOUNTS
561-F001 ETC2-561-F001 Datasheet
84Kb / 1P
Capacitor Mounts
561-TA00090 ETC2-561-TA00090 Datasheet
136Kb / 2P
Clip Mounts
561-TA40170 ETC2-561-TA40170 Datasheet
136Kb / 2P
Clip Mounts
logo
Richco, Inc.
LEDM-3-17 RICHCO-LEDM-3-17 Datasheet
108Kb / 1P
LED MOUNTS
logo
Laird Tech Smart Techno...
SR24011120D LSTD-SR24011120D Datasheet
1Mb / 1P
Articulating mounts available
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com