Electronic Components Datasheet Search
  English  ▼

X  

FSR Datasheet(PDF) 1 Page - Heyco.

Part # FSR
Description  Feets of Strength
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

FSR Datasheet(HTML) 1 Page - Heyco.

  FSR Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7-93
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
“Stay Connected” with
HEYware Products
®
Quick
Specs
Heyco
® Feets of Strength
Feet with Push Rivet
PART DIMENSIONS
PANEL DIMENSIONS
PART
DESCRIPTION
AB
C
Mounting
Thickness Range
NO.
Overall
Top
Bottom
Hole
Minimum
Maximum
Black
Height
Diameter
Diameter
Diameter
in.
mm.
in. mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
FSR Series
.02
0,5
.05
1,2
2519
FSR 16-14-05
.16
4,0
.43
10,8
.39
10,0
.142
3,6
.05
1,2
.08
2,0
2520
FSR 16-14-08
.06
1,5
.10
2,5
2521
FSR 16-14-10
.10
2,5
.14
3,5
2550
FSR 16-14-14
.03
0,8
.07
1,8
2522
FSR 17-17-07
.17
4,2
.83
21,0
.79
20,0
.165
4,2
.07
1,8
.11
2,8
2523
FSR 17-17-11
.11
2,9
.15
3,7
2524
FSR 17-17-15
.15
3,8
.19
4,8
2525
FSR 17-17-19
.22
5,5
.56
14,2
.53
13,5
.122
3,1
.03
0,8
.07
1,8
2517
FSR 22-12-07
.07
1,8
.11
2,8
2518
FSR 22-12-11
.02
0,6
.04
1,0
2500
FSR 24-17-04
.165
4,2
.04
1,0
.08
2,0
2501
FSR 24-17-08
.24
6,0
.59
15,0
.55
14,0
.08
2,0
.12
3,1
2502
FSR 24-17-12
.204
5,2
.03
0,8
.05
1,2
2506
FSR 24-21-05
.05
1,3
.09
2,3
2507
FSR 24-21-09
.03
0,8
.07
1,8
2526
FSR 241-17-07
.24
6,0
.83
21,0
.79
20,0
.165
4,2
.08
1,9
.11
2,8
2527
FSR 241-17-11
.11
2,9
.16
4,0
2528
FSR 241-17-16
.01
0,3
.03
0,8
2575
FSR 31-17-03
.31
8,0
.83
21,0
.79
20,0
.165
4,2
.03
0,8
.08
2,0
2529
FSR 31-17-08
.08
2,1
.12
3,1
2530
FSR 31-17-12
.35
9,0
.59
15,0
.55
14,0
.165
4,2
.04
1,0
.08
2,0
2532
FSR 35-17-08
.08
2,0
.12
3,1
2533
FSR 35-17-12
Standard color black.
Material
Thermoplastic Rubber (TPR)
Flammability Rating
94-HB
Temperature Range
-30°F (-34°C) to 250°F (121°C)
A
C
B
BEFORE INSERTION
AFTER INSERTION
FSR
• Require only fingertip pressure for
fast, easy installation.
• May be released from inside the panel.
• Multiple sizes range in height from
.16˝ (4,0 mm) to .35˝ (9,0 mm).
• Part Description Key:
FSR XX-YY-ZZ where XX = Overall
Height (inches), YY = Mounting Hole
Diameter (inches) and ZZ = Maximum
Panel Thickness (inches)


Similar Part No. - FSR

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FSR FOX-FSR Datasheet
98Kb / 1P
SMD TUNING FORK
logo
Illinois Capacitor, Inc...
FSR ILLINOISCAPACITOR-FSR Datasheet
304Kb / 4P
Reduced case size - High voltage ??Low Leakage ??low dissipation
logo
Ohmite Mfg. Co.
FSR OHMITE-FSR Datasheet
429Kb / 2P
Force Sensing Resistor
logo
RFE international
FSR RFE-FSR Datasheet
450Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
logo
Adam Technologies, Inc.
FSR-XX ADAM-TECH-FSR-XX Datasheet
91Kb / 1P
STRAIN RELIEF FOR FCS SERIES
More results

Similar Description - FSR

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ARM-LA0115 AAEON-ARM-LA0115 Datasheet
182Kb / 1P
SUSPA Series System Ensures The Stability Of Product And Strength Of Quality
logo
List of Unclassifed Man...
CA3108E10SLA4S ETC2-CA3108E10SLA4S Datasheet
4Mb / 34P
High strength aluminum alloy connector, High strength plastic insulators
SFF-023 ETC2-SFF-023 Datasheet
128Kb / 1P
Soft Fast Feets
BP-LMS-HD ETC2-BP-LMS-HD Datasheet
775Kb / 2P
Exceptional dielectric strength
logo
ALPS ELECTRIC CO.,LTD.
SKTD ALPS-SKTD Datasheet
798Kb / 3P
Soldering of the frame realizes higher solder strength
logo
Shoulder Electronics Li...
HDF374ES4 SHOULDER-HDF374ES4 Datasheet
380Kb / 9P
Tensile Strength of Carrier Tape: 4.4N/mm width
HDF869AN2S6 SHOULDER-HDF869AN2S6 Datasheet
495Kb / 8P
Tensile Strength of Carrier Tape: 4.4N/mm width
logo
Laird Tech Smart Techno...
BSR-U LSTD-BSR-U Datasheet
207Kb / 2P
High mechanical strength
logo
Alliance Semiconductor ...
AS4C64M16MD2-25BCN ALSC-AS4C64M16MD2-25BCN Datasheet
5Mb / 129P
Configurable Drive Strength
logo
First Silicon Co., Ltd
GBJ6A FS-GBJ6A Datasheet
247Kb / 2P
High case dielectric strength of 2500 V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com