Electronic Components Datasheet Search
  English  ▼

X  

FSS Datasheet(PDF) 1 Page - Heyco.

Part # FSS
Description  Break-Away Bumpers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

FSS Datasheet(HTML) 1 Page - Heyco.

  FSS Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7-92
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
“Stay Connected” with
HEYware Products
®
Quick
Specs
Heyco
® Feets of Strength
Feet with Drive Pin
PART DIMENSIONS
PANEL DIMENSIONS
PART
DESCRIPTION
AB
C
Mounting
Thickness Range
NO.
Overall
Top
Bottom
Hole
Minimum
Maximum
Black
Height
Diameter
Diameter
Diameter
in.
mm.
in. mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
FSD* / FSS** Series
.20
5,0
.98
25,0
.91
23,0
.299
7,6
.03
0,8
.06
1,5
2543*
FSD 20-30-06
.79
20,0
.71
18,0
.303
7,7
.03
0,8
.06
1,5
2537*
FSD 20-32-06
.24
6,0
.83
21,0
.79
20,0
.303
7,7
.20
5,0
.32
8,0
2544*
FSD 24-31-32
.200
5,0
.04
1,0
.09
2,3
2536**
FSS 39-20-09
.39
10,0
.79
20,0
.71
18,0
.310
7,8
.03
0,8
.06
1,5
2545*
FSD 39-30-06
.320
8,1
.03
0,8
.06
1,5
2548*
FSD 39-32-06
.47
12,0
.79
20,0
.71
18,0
.320
8,1
.02
0,5
.05
1,2
2547*
FSD 47-32-05
.55
14,0
.95
24,0
.79
20,0
.200
5,0
.04
1,0
.09
2,3
2538**
FSS 55-20-09
.59
15,0
.79
20,0
.71
18,0
.320
8,1
.03
0,8
.07
1,8
2549*
FSD 59-32-07
1.18
30,0
1.10
28,0
.200
5,0
.02
0,5
.06
1,5
2539**
FSS 59-20-06
.71
18,0
.79
20,0
.71
18,0
.320
8,1
.02
0,5
.05
1,2
2551*
FSD 71-32-05
Standard color black.
*Use of a hammer is suggested for FSD Series. **Slotted Screw replaces Drive Pin (FSS Series).
Material
RGBA
Silicone Rubber
Temperature Range
-40°F (-40°C) to 302°F (150°C)
Material
FSD/FSS
Body: Thermoplastic elastomer (TPE/Rubber)
Pin/Slotted Screw: Polypropylene
***2551 Body & Pin: Polypropylene
A
B
C
BEFORE INSERTION
AFTER INSERTION
A
B
C
BEFORE INSERTION
AFTER INSERTION
• Molded of thermoplastic elastomer or
polypropylene and elastomer blend
for skid and vibration resistance.
• Two piece construction comes
preassembled.
• To install, simply insert into the
mounting hole, then press pin
to secure.
• Part Description Key:
FSD/FSS XX-YY-ZZ where XX =
Overall Height (inches), YY =
Mounting Hole Diameter (inches)
and ZZ = Maximum Panel Thickness
(inches)
FSD
FSS
Heyco
® Break-Away Bumpers
PANEL DIMENSIONS
PART NO.
DESC.
MATERIAL
PART DIMENSIONS
Mounting
A
B
C
Hole Dia.
Thickness
Base
Base
Insert
Black
Diameter
Height
Height*
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
RGBA Series
.187-.197
4,7-5,0
.02
0,5
G2312
RGBA
Silicone
.39
10,0
.08
2,0
.17
4,3
19-39-50
Rubber 50
.197-.212
5,0-5,4
.02-.03
0,6-0,8
G2313
RGBA
Silicone
.47
12,0
.09
2,3
.26
6,5
20-47-40
Rubber 40
G2314
RGBA
Silicone
20-47-50
Rubber 50
Standard color black. *Approximate: after Lead Stem is broken off.
• Part Description Key: RGBA X-Y-Z
where X = Mounting Hole Diameter
(inches), Y = Base Diameter (inches).
and Z= Durometer.
C*
R .08
(2,0 mm)
B
G2312-G2314
A
**Part No. 2551 requires use of a hammer for proper installation of Push Pin.


Similar Part No. - FSS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FSS SCHURTER-FSS Datasheet
532Kb / 3P
AC Filter 2-Stage, Very High Symmetrical Attenuation
FSS SCHURTER-FSS Datasheet
444Kb / 4P
AC Filter 2-Stage, Very High Symmetrical Attenuationl
logo
Festo Corporation.
FSS-12-C FESTO-FSS-12-C Datasheet
76Kb / 1P
Quickstepper
logo
Honeywell Solid State E...
FSS-SMT HONEYWELL-FSS-SMT Datasheet
213Kb / 6P
Low Profile Force Sensor
FSS-SMT HONEYWELL-FSS-SMT Datasheet
362Kb / 4P
Low Profile Force Sensor
More results

Similar Description - FSS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HB12201 ETC1-HB12201 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
G1123 ETC2-G1123 Datasheet
80Kb / 2P
Stay Connected with Heyco Bushings, Grommets, Bumpers & Feet
logo
Richco, Inc.
RBS-15 RICHCO-RBS-15 Datasheet
185Kb / 1P
RICHCO BUMPERS
logo
List of Unclassifed Man...
G1418 ETC2-G1418 Datasheet
74Kb / 1P
Stay Connected with Heyco Bushings, Grommets, Bumpers Feet
logo
Hubbell Incorporated.
BURNDY_YBA25A HUBBELL-BURNDY_YBA25A Datasheet
254Kb / 1P
Al Break-Away HYLUG Comprsn Terminals, NEMA std, 1/0, 1/0 AWG ( Al / Cu), 1/2" stud, 4.59" L, Tan, 296 Index.
BURNDY_YBA26A HUBBELL-BURNDY_YBA26A Datasheet
254Kb / 1P
Al Break-Away HYLUG Comprsn Terminals, NEMA std, 2/0, 2/0 AWG ( Al / Cu), 1/2" stud, 4.78" L, Olive , BB56927.
BURNDY_YBA29A HUBBELL-BURNDY_YBA29A Datasheet
254Kb / 1P
Al Break-Away HYLUG Comprsn Terminals, NEMA std, 250, 250 kcmil ( Al / Cu), 1/2" stud, 5.28" L, Red, 324 Index.
BURNDY_YBA32A HUBBELL-BURNDY_YBA32A Datasheet
254Kb / 1P
Al Break-Away HYLUG Comprsn Terminals, NEMA std, 400 kcmil , 400 kcmil ( Al / Cu), 1/2" stud, 6.15" L, Green, 472 Index.
logo
IOGEAR
GKB631B IOGEAR-GKB631B Datasheet
181Kb / 2P
Multi-Link Bluetooth Keyboard with Stow-Away Stand
logo
Burland Technology Solu...
MB-PWDIST BURLAND-MB-PWDIST Datasheet
385Kb / 1P
PowerDISTANCE WIRELESS CHARGE UP TO 35 MM AWAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com