Electronic Components Datasheet Search
  English  ▼

X  

PCK2510S Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCK2510S
Description  50-150 MHz 1:10 SDRAM clock driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2510S Datasheet(HTML) 3 Page - NXP Semiconductors

  PCK2510S Datasheet HTML 1Page - NXP Semiconductors PCK2510S Datasheet HTML 2Page - NXP Semiconductors PCK2510S Datasheet HTML 3Page - NXP Semiconductors PCK2510S Datasheet HTML 4Page - NXP Semiconductors PCK2510S Datasheet HTML 5Page - NXP Semiconductors PCK2510S Datasheet HTML 6Page - NXP Semiconductors PCK2510S Datasheet HTML 7Page - NXP Semiconductors PCK2510S Datasheet HTML 8Page - NXP Semiconductors PCK2510S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
PCK2510S
50–150 MHz 1:10 SDRAM clock driver
1999 Dec 13
3
PIN DESCRIPTIONS
PIN NUMBER
SYMBOL
TYPE
NAME, FUNCTION, and DIRECTION
1
AGND
GND
Analog ground. AGND provides the ground reference for the analog circuitry.
2, 10, 14, 22
VCC
PWR
Power supply
3, 4, 5, 8, 9,
15, 16, 17, 20, 21
1Y (0–9)
OUT
Clock outputs. These outputs provide low-skew copies of CLK. Output bank 1Y (0–9) is enabled
via the G input. These outputs can be disabled to a logic-low state by de-asserting the G control
input. Each output has an integrated 25
Ω series-damping resistor.
6, 7, 18, 19
GND
GND
Ground
11
G
IN
Output bank enable. G is the output enable for outputs 1Y (0–9). When G is LOW, outputs 1Y
(0–9) are disabled to a logic LOW state. When G is HIGH, all outputs 1Y (0–9) are enabled and
switch at the same frequency as CLK.
12
FBOUT
OUT
Feedback output. FBOUT is dedicated for external feedback. It switches at the same frequency
as CLK. When externally wired to FBIN, FBOUT completes the feedback loop of the PLL.
FBOUT has an integrated 25
Ω series-damping resistor.
13
FBIN
IN
Feedback input. FBIN provides the feedback signal to the internal PLL. FBIN must be
hard-wired to FBOUT to complete the PLL. The integrated PLL synchronizes CLK and FBIN so
that there is nominally zero phase error between CLK and FBIN.
23
AVCC
PWR
Analog power supply. AVCC provides the power reference for the analog circuitry. In addition,
AVCC can be used to bypass the PLL for test purposes. When AVCC is strapped to ground, PLL
is bypassed and CLK is buffered directly to the device outputs.
24
CLK
IN
Clock input. CLK provides the clock signal to be distributed by the PCK2510S clock driver. CLK
is used to provide the reference signal to the integrated PLL that generates the clock output
signals. CLK must have a fixed frequency and fixed phase for the PLL to obtain phase lock.
Once the circuit is powered up and a valid CLK signal is applied, a stabilization time is required
for the PLL to phase lock the feedback signal to its reference signal.
FUNCTION TABLE
INPUTS
OUTPUTS
G
CLK
1Y (0–9)
FBOUT
X
L
L
L
L
H
L
H
H
H
H
H



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com