Electronic Components Datasheet Search
  English  ▼

X  

FXT451 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FXT451
Description  NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FXT451 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FXT451 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NPN SILICON PLANAR
MEDIUM POWER TRANSISTOR
ISSUE 1 – SEPT 93
FEATURES
* 60 Volt VCEO
* 1 Amp continuous current
*Ptot= 1 Watt
REFER TO ZTX451 FOR GRAPHS
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
2A
Continuous Collector Current
IC
1A
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
TYP.
MAX. UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
80
V
IC=100µA, IE=0
Collector-Emitter
Sustaining Voltage
VCEO(sus) 60
V
IC=10mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
5V
IE=100µA, IC=0
Collector Cut-Off
Current
ICBO
0.1
µ
A
VCB=60V, IE=0
Emitter Cut-Off Current IEBO
0.1
µ
A
VEB=4V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
0.35
V
IC=150mA, IB=15mA*
Base-Emitter
Saturation Voltage
VBE(sat)
1.1
V
IC=150mA, IB=15mA*
Static Forward Current
Transfer Ratio
hFE
50
10
150
IC=150mA, VCE=10V*
IC=1A, VCE=10V*
Transition
Frequency
fT
150
MHz
IC=50mA, VCE=10V
f=100MHz
Output Capacitance
Cobo
15
pF
VCB=10V, f=1MHz
E-Line
TO92 Compatible
FXT451
3-32
B
C
E


Similar Part No. - FXT451

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FXT450 ZETEX-FXT450 Datasheet
26Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FXT453 ZETEX-FXT453 Datasheet
36Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FXT455 ZETEX-FXT455 Datasheet
29Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FXT458 ZETEX-FXT458 Datasheet
26Kb / 1P
NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
More results

Similar Description - FXT451

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW66 ZETEX-BCW66 Datasheet
39Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BCX41 ZETEX-BCX41 Datasheet
47Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR42 ZETEX-BSR42 Datasheet
34Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR43 ZETEX-BSR43 Datasheet
34Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491 ZETEX-FCX491 Datasheet
16Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491A ZETEX-FCX491A Datasheet
16Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FZT755 ZETEX-FZT755 Datasheet
88Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BC639 ZETEX-BC639 Datasheet
25Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
GTM CORPORATION
GMBT1036 GTM-GMBT1036 Datasheet
486Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Galaxy Semi-Conductor H...
FMMT449 BILIN-FMMT449 Datasheet
195Kb / 4P
NPN Silicon Planar Medium Power Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com