Electronic Components Datasheet Search
  English  ▼

X  

NFIPA-500ML Datasheet(PDF) 1 Page - Chip Quik Inc.

Part # NFIPA-500ML
Description  Super Solvent NFIPA in 500ml (635g) Can
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPQUIK [Chip Quik Inc.]
Direct Link  https://www.chipquik.com/
Logo CHIPQUIK - Chip Quik Inc.

NFIPA-500ML Datasheet(HTML) 1 Page - Chip Quik Inc.

  NFIPA-500ML Datasheet HTML 1Page - Chip Quik Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Datasheet revision 1.0
www.chipquik.com
Super Solvent NFIPA in 500ml (635g) Can
Product Highlights
Multi-purpose cleaner for degreasing and defluxing
Stronger solvency power than Isopropyl Alcohol
Non-Flammable and fast evaporating
Removes fluxes, oils, and greases
Designed for manual cleaning
RoHS 3 and REACH compliant
Specifications
Flash Point (PMCC):
None
Density at 20°C:
1270 Kg/m^3
Aspect:
Colorless Liquid
Boiling Range:
43°C
Surface Tension:
<13.6 mN/m
Kauri Butanol:
105-110
Packaging:
500 ml Can (635g net weight)
Shelf Life:
>24 months
Features
Chip Quik Super Solvent NFIPA is a speciality solvent designed to replace isopropyl alcohol and HCFCs in the manual
removal of flux residues and greases from printed circuit boards.
Chip Quik Super Solvent NFIPA has no ozone depleting potential and is thermally and chemically stable.
Storage and Handling
Store at room temperature 20-25°C (68-77°F).
Transportation
This product requires ground shipping. Shipping below 0°C (32°F) or above 25°C (77°F) for normal transit times by ground or
air will not impact this product’s stated shelf life.
Health and Safety
Ozone Depletion Potential (ODP):
0
Global Warming Potential (GWP):
320
Atmospheric Lifetime (Years):
4.1
1
© 1994-2023 Chip Quik® Inc.
N
NF
FIIP
PA
A--5
50
00
0M
ML
L


Similar Part No. - NFIPA-500ML

ManufacturerPart #DatasheetDescription
logo
Chip Quik Inc.
NFIPA-AERO CHIPQUIK-NFIPA-AERO Datasheet
200Kb / 1P
Super Solvent NFIPA in 170ml Aerosol Spray Can
revision 1.0
More results

Similar Description - NFIPA-500ML

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1N5221B CENTRAL-1N5221B Datasheet
173Kb / 2P
ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
logo
List of Unclassifed Man...
SME ETC1-SME Datasheet
633Kb / 7P
MINIATURE, GENERAL PURPOSE, SOLVENT PROOF
logo
NTE Electronics
RX1401-16 NTE-RX1401-16 Datasheet
121Kb / 7P
ECG Electronics HD Cleaning Solvent
logo
HuaXinAn Electronics CO...
NT76A HUAXINAN-NT76A Datasheet
524Kb / 1P
Super light in weight
NT76C HUAXINAN-NT76C Datasheet
524Kb / 1P
Super light in weight
NT77 HUAXINAN-NT77 Datasheet
490Kb / 1P
Super light in weight
logo
Linkage Goston Electron...
DK704B LINKAGE-DK704B Datasheet
1Mb / 9P
4 button-down self-calibrating function solvent touch detector
logo
Figaro Engineering Inc.
TGS823 FIGARO-TGS823 Datasheet
115Kb / 2P
Organic Solvent Vapors
TGS2620 FIGARO-TGS2620 Datasheet
216Kb / 2P
Solvent Vapors
logo
3M Electronics
226 3M-226 Datasheet
570Kb / 6P
3M??Scotch짰 Solvent Resistant Masking Tape 226
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com