Electronic Components Datasheet Search
  English  ▼

X  

AM411 Datasheet(PDF) 5 Page - Analog Microelectronics GmbH

Part # AM411
Description  Low-Cost Voltage Transmitter IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM411 Datasheet(HTML) 5 Page - Analog Microelectronics GmbH

  AM411 Datasheet HTML 1Page - Analog Microelectronics GmbH AM411 Datasheet HTML 2Page - Analog Microelectronics GmbH AM411 Datasheet HTML 3Page - Analog Microelectronics GmbH AM411 Datasheet HTML 4Page - Analog Microelectronics GmbH AM411 Datasheet HTML 5Page - Analog Microelectronics GmbH AM411 Datasheet HTML 6Page - Analog Microelectronics GmbH AM411 Datasheet HTML 7Page - Analog Microelectronics GmbH AM411 Datasheet HTML 8Page - Analog Microelectronics GmbH AM411 Datasheet HTML 9Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AM411
Low-Cost Voltage Transmitter IC
March 2015 - Rev. 4.0
Page 5/10
www.analogmicro.de
Voltage Output Stage
Adjustable Gain
GOP
1
Power Supply Rejection Ratio
PSRR
80
90
dB
Offset Voltage
VOS
-2
2
mV
VOS vs. Temperature
dVOS/dT
±3
±7
µV/°C
Input Bias Current
IB
5
12
nA
IB vs. Temperature
dIB/dV
3.5
10
pA/°C
Output Voltage Range
VOUT
VCC < 18 V
0
VCC -5
V
VOUT
VCC ≥ 18 V
0
13
V
Output Current
IOUT
0
IOUT,max
mA
Maximum Output Current
IOUT,max
5
mA
Load Resistance
RL
2
kΩ
Protection Functions
Protection against reverse polarity
GND vs. VCC
35
V
Protection against permutation
GND vs. VCC vs. VOUT
35
V
Short circuit protection of VOUT
VOUT at GND. / VOUT at VCC,max
0
35
V
System Parameters
Nonlinearity
Ideal input
0.03
0.1
% FS
Notes:
1) Currents flowing into the IC are negative. Muss im Test geändert werden
2. Boundary Conditions
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Sum Gain Resistors
R1 + R2
for GOP ≠ 1
20
200
kΩ
Stabilization Capacitance @ VREF
C1
-40 ≤ Tamb ≤ 85°C
1.9
2.2
5.0
µF
Table 1: AM411's electric specifications
Table 2: Boundary Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com