Electronic Components Datasheet Search
  English  ▼

X  

AM417 Datasheet(PDF) 17 Page - Analog Microelectronics GmbH

Part # AM417
Description  Ratiometric instrumentation amplifier with adjustable output stage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM417 Datasheet(HTML) 17 Page - Analog Microelectronics GmbH

Back Button AM417 Datasheet HTML 10Page - Analog Microelectronics GmbH AM417 Datasheet HTML 11Page - Analog Microelectronics GmbH AM417 Datasheet HTML 12Page - Analog Microelectronics GmbH AM417 Datasheet HTML 13Page - Analog Microelectronics GmbH AM417 Datasheet HTML 14Page - Analog Microelectronics GmbH AM417 Datasheet HTML 15Page - Analog Microelectronics GmbH AM417 Datasheet HTML 16Page - Analog Microelectronics GmbH AM417 Datasheet HTML 17Page - Analog Microelectronics GmbH AM417 Datasheet HTML 18Page - Analog Microelectronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
AM417 – Ratiometric instrumentation
amplifier with adjustable output stage
Analog Microelectronics GmbH
An der Fahrt 13, D – 55124 Mainz
July 2008 –Rev 3.1- Page 17/18
Phone:+49 (0)6131/91 073-0
Fax: +49 (0)6131/91 073-30
Internet: http://www.analogmicro.de
Email: info@analogmicro.de
EXAMPLE APPLICATIONS
• Interface IC for sensing elements in a resistor bridge circuit (e.g. piezoresistive pressure sensing
elements) with electronic compensation of errors via an external microcontroller. In this
application AM417 is used as a preamplifier to set the operating point.
• Signal conditioning IC with an external, analog compensation network, in which the offset can
be adjusted using additional resistors on the sensing element and the gain using AM417.
How to protect the output of the AM467 against reverse polarity see [3]
µP
V
OU T = 0, 2V. ..V
-0,2V
CC
0,5-1,25mA
V
CC = 5V
5%
+
AM417
Figure 7:
Application for sensing elements with
an external microcontroller or ADC
AM417
V
OUT = 0,5... 4,5V 11mA
V
CC = 5V
5%
+
0,5 - 1,25mA
/
Figure 8:
Application as a signal conditioning IC with an
external compensation network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com