Electronic Components Datasheet Search
  English  ▼

X  

AM467 Datasheet(PDF) 1 Page - Analog Microelectronics GmbH

Part # AM467
Description  Precision amplifier for bridge circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM467 Datasheet(HTML) 1 Page - Analog Microelectronics GmbH

  AM467 Datasheet HTML 1Page - Analog Microelectronics GmbH AM467 Datasheet HTML 2Page - Analog Microelectronics GmbH AM467 Datasheet HTML 3Page - Analog Microelectronics GmbH AM467 Datasheet HTML 4Page - Analog Microelectronics GmbH AM467 Datasheet HTML 5Page - Analog Microelectronics GmbH AM467 Datasheet HTML 6Page - Analog Microelectronics GmbH AM467 Datasheet HTML 7Page - Analog Microelectronics GmbH AM467 Datasheet HTML 8Page - Analog Microelectronics GmbH AM467 Datasheet HTML 9Page - Analog Microelectronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Precision amplifier for bridge circuits
AM467
analog microelectronics
February 2011
Analog Microelectronics GmbH
Phone:
+49 (0)6131/91 073 – 0
1/9
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 1.1
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
PRINCIPLE FUNCTION
Adjustable offset and span output signal for differential input signals
from 0 to
±5 mV FS up to 0 to ±100 mV FS.
Ratiometric output voltage of 0.2V to Vcc-0.2 V
TYPICAL APPLICATIONS
• Differential amplifiers for ceramic sensing elements
• Differential amplifiers for DMS sensing elements
• Differential amplifiers for GMR sensing elements
• Amplifier for industrial and automotive applications
AM467
V
= 5V 5%
CC
Differential
input
voltages
( 5... 100mV FS)
V
0,2V -0,2V
(adjustable)
e.g.0,5...4,5V
ratiometric
OUT
CC
=
...
_
+
_
+
_
+


Similar Part No. - AM467

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AM467 AME-AM467 Datasheet
219Kb / 9P
Precision amplifier for bridge circuits
logo
Analog Devices
AM467 AD-AM467 Datasheet
70Kb / 9P
Precision amplifier for bridge circuits
logo
WOLFSPEED, INC.
AM467 WOLFSPEED-AM467 Datasheet
63Kb / 9P
Precision amplifier for bridge circuits
February 2011 Rev. 1.1
More results

Similar Description - AM467

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2005 STMICROELECTRONICS-TDA2005 Datasheet
259Kb / 20P
20W BRIDGE AMPLIFIER FOR CAR RADIO
Oct-1998
TDA7241B STMICROELECTRONICS-TDA7241B Datasheet
110Kb / 7P
20W BRIDGE AMPLIFIER FOR CAR RADIO
Jul-1997
logo
Analog Microelectronics
AM457 AME-AM457 Datasheet
271Kb / 10P
Precision amplifier for bridge circuits
AM467 AME-AM467 Datasheet
219Kb / 9P
Precision amplifier for bridge circuits
logo
Unisonic Technologies
PA2005 UTC-PA2005 Datasheet
522Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
TDA2005 UTC-TDA2005 Datasheet
518Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
Analog Devices
AM467 AD-AM467 Datasheet
70Kb / 9P
Precision amplifier for bridge circuits
logo
Unisonic Technologies
A7240 UTC-A7240_15 Datasheet
195Kb / 6P
20W BRIDGE AMPLIFIER FOR CAR RADIO
PA2005 UTC-PA2005_15 Datasheet
522Kb / 16P
20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
WOLFSPEED, INC.
AM467 WOLFSPEED-AM467 Datasheet
63Kb / 9P
Precision amplifier for bridge circuits
February 2011 Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com