Electronic Components Datasheet Search
  English  ▼

X  

PCK2510SL Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCK2510SL
Description  50-150 MHz 1:10 SDRAM clock driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2510SL Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCK2510SL Datasheet HTML 2Page - NXP Semiconductors PCK2510SL Datasheet HTML 3Page - NXP Semiconductors PCK2510SL Datasheet HTML 4Page - NXP Semiconductors PCK2510SL Datasheet HTML 5Page - NXP Semiconductors PCK2510SL Datasheet HTML 6Page - NXP Semiconductors PCK2510SL Datasheet HTML 7Page - NXP Semiconductors PCK2510SL Datasheet HTML 8Page - NXP Semiconductors PCK2510SL Datasheet HTML 9Page - NXP Semiconductors PCK2510SL Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors
Product specification
PCK2510SL
50–150 MHz 1:10 SDRAM clock driver
2000 Dec 01
7
CHARACTERISTIC CURVES
CLOCK FREQUENCY (MHz)
SW00435
AVCC = VCC = 3.3 V
Tamb = 25 °C
0
1
2
3
4
5
6
7
8
Figure 1. Analog supply current vs. clock frequency
CLOCK FREQUENCY (MHz)
SW00434
AVCC = VCC = 3.3 V
Tamb = 25 °C
0
10
20
30
40
50
60
70
80
90
100
Figure 2. Supply current vs. clock frequency
0
50
100
150
200
CLOCK FREQUENCY (MHz)
SW00433
AVCC = VCC = 3.3 V
C(LF) = 12 pF; Tamb = 25 °C
50
100
133
150
Figure 3. Peak-to-peak jitter vs. clock frequency
0
50
100
150
200
50
60
70
80
90
100
110
120
130
140
CLOCK FREQUENCY (MHz)
SW00432
AVCC = VCC = 3.3 V
C(LF) = 12 pF; Tamb = 25 °C
Figure 4. Cycle-to-cycle jitter vs. clock frequency
DELAY LENGTH (ns)
SW00439
–40
–20
0
20
40
60
80
100
02
46
8
10
VCC = 3.3 V; C(LF) = 30 pF; f = 100 MHz
Figure 5. Phase offset vs. delay length



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com