Electronic Components Datasheet Search
  English  ▼

X  

BAS316WS Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # BAS316WS
Description  Silicon Epitaxial Planar Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

BAS316WS Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  BAS316WS Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . BAS316WS Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . BAS316WS Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PIN
DESCRIPTION
1
Cathode
2
Anode
Silicon Epitaxial Planar Switching Diode
Applications
• High-speed switching
PINNING
A6
1
2
Top View
Marking Code: "A6 "
Simplified outline SOD-323 and symbol
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
100
V
Reverse Voltage
VR
100
V
Continuous Forward Current
IF
250
mA
Repetitive Peak Forward Current
IFRM
500
mA
Non-Repetitive Peak Forward Current
t = 1 µs
t = 1 ms
t = 1 s
IFSM
4
1
0.5
A
Total Power Dissipation
Ptot
200
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Tstg
- 65 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Forward Voltage
at IF = 1 mA
at IF = 10 mA
at IF = 50 mA
at IF = 150 mA
VF
0.715
0.855
1
1.25
V
Reverse Current
at VR = 25 V
at VR = 75 V
at VR = 25 V, TJ = 150 OC
at VR = 75 V, TJ = 150 OC
IR
30
1
30
50
nA
µA
µA
µA
Diode Capacitance
at VR = 0 V, f = 1 MHz
Ctot
1.5
pF
Reverse Recovery Time
at IF = IR = 10 mA, Irr = 0.1 X IR , RL = 100 Ω
trr
4
ns
MARKING:A6
AS316WS
B


Similar Part No. - BAS316WS

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAS316WS SEMTECH_ELEC-BAS316WS Datasheet
303Kb / 3P
High Speed Switching Diode
logo
Taiwan Semiconductor Co...
BAS316WS TSC-BAS316WS Datasheet
95Kb / 3P
200mW, High-speed switching SMD Diode
BAS316WS TSC-BAS316WS Datasheet
201Kb / 4P
200mW High-Speed Switching SMD Diode
logo
SeCoS Halbleitertechnol...
BAS316WS SECOS-BAS316WS Datasheet
260Kb / 3P
0.25A , 100V Surface Mount Small Signal Switching Diode
logo
Diotec Semiconductor
BAS316WS DIOTEC-BAS316WS Datasheet
151Kb / 2P
SMD Small Signal Diodes
More results

Similar Description - BAS316WS

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAV70W SEMTECH_ELEC-BAV70W Datasheet
287Kb / 2P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
Silicon Epitaxial Planar Switching Diode
MMBD4148 DGNJDZ-MMBD4148 Datasheet
98Kb / 2P
Silicon Epitaxial Planar Switching Diode
logo
Dongguan Pingjingsemi T...
1SS355 PJSEMI-1SS355 Datasheet
407Kb / 3P
Silicon Epitaxial Planar Switching Diode
MMBD7000 PJSEMI-MMBD7000 Datasheet
590Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
DONGGUAN YOU FENG WEI E...
BAV70DW YFWDIODE-BAV70DW Datasheet
342Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
SHIKUES Electronics
1SS352 SKTECHNOLGY-1SS352 Datasheet
398Kb / 3P
Silicon Epitaxial Planar Switching Diode
KDS160 SKTECHNOLGY-KDS160 Datasheet
1Mb / 3P
Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com