Electronic Components Datasheet Search
  English  ▼

X  

SM220AF Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # SM220AF
Description  2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SM220AF Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  SM220AF Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SM220AF Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (SM220AF THRU SM2200AF)
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0
.2
.4
.6
.8
1.0
1.2
1.4
3.0
Tj=25 C
SM280AF~SM2100AF
SM250AF~SM260AF
SM220AF~SM240AF
SM2150AF~SM2200AF
0
20
40
60
80
100
120
140
160
180
200
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE ( C)
0.4
0.8
1.2
1.6
2.0
2.4
100
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
50
NUMBER OF CYCLES AT 60Hz
10
5
0
20
10
30
50
40
1
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100 120 140
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
.1
1.0
10
100
.01
.01
.05
.1
.5
1
5
10
50
100
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
700
600
500
400
300
200
100
0
8.3ms Single Half
Sine Wave
Tj=25 C
JEDEC method
SM22
0AF~
SM24
0AF
SM2
50AF
~SM
2200
AF
Tj=100 C
Tj=25 C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com