Electronic Components Datasheet Search
  English  ▼

X  

HDLSP7 Datasheet(PDF) 1 Page - Heyco.

Part # HDLSP7
Description  Nylon PCB Supports - Imperial Spacing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

HDLSP7 Datasheet(HTML) 1 Page - Heyco.

  HDLSP7 Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7-8
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
“Stay Connected” with
HEYware Products
®
Quick
Specs
ARROWHEAD SNAP LOCK /
ARROWHEAD SNAP LOCK
ARROWHEAD SNAP LOCK /
ARROWHEAD SNAP LOCK
ARROWHEAD SNAP LOCK /
ARROWHEAD SNAP LOCK
ARROWHEAD SNAP LOCK /
ARROWHEAD SNAP LOCK
HDLSP4
HDLSP5
HDLSP6
HDLSP7
Maximum
Mounting
Maximum
Mounting
Maximum
Mounting
Maximum
Mounting
Thickness
Hole Diameter
Thickness
Hole Diameter
Thickness
Hole Diameter
Thickness
Hole Diameter
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
PCB
.078
2,0
.125
3,2
.078
2,0
.157
4,0
.078
2,0
.187
4,8
.078
2,0
.157
4,0
Chassis
.078
2,0
.125
3,2
.078
2,0
.157
4,0
.078
2,0
.187
4,8
.078
2,0
.187
4,8
A
PART NO.
DESCRIPTION
PART NO.
DESCRIPTION
PART NO.
DESCRIPTION
PART NO.
DESCRIPTION
in.
mm.
Natural
Natural
Natural
Natural
.187
4,8
10199
HDLSP4-03
10209
HDLSP5-03
10217
HDLSP6-03
10225
HDLSP7-03
.250
6,4
10200
HDLSP4-04
10210
HDLSP5-04
10218
HDLSP6-04
10226
HDLSP7-04
.312
7,9
10201
HDLSP4-05
.375
9,5
10202
HDLSP4-06
10211
HDLSP5-06
10219
HDLSP6-06
10227
HDLSP7-06
.437
11,1
10203
HDLSP4-07
10216
HDLSP5-07
.500
12,7
10204
HDLSP4-08
10212
HDLSP5-08
10220
HDLSP6-08
10228
HDLSP7-08
.562
14,3
10205
HDLSP4-09
.625
15,9
10206
HDLSP4-10
10213
HDLSP5-10
10221
HDLSP6-10
10229
HDLSP7-10
.750
19,1
10214
HDLSP5-12
10222
HDLSP6-12
10230
HDLSP7-12
.875
22,2
10207
HDLSP4-14
10215
HDLSP5-14
10223
HDLSP6-14
10231
HDLSP7-14
Standard color natural. For special order parts in UL 94V-0 natural material, add the suffix “F” to Part No.
Heyco
® Nylon PCB Supports - Imperial Spacing
Material
Nylon 6/6
Flammability Rating
94V-2
Temperature Range
-40°F (-40°C) to 185°F (85°C)
NEW!


Similar Part No. - HDLSP7

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
HDLSP-035-1000 SAMTEC-HDLSP-035-1000 Datasheet
396Kb / 1P
HIGH-DENSITY/HIGH-SPEED CABLE SYSTEM
logo
Heyco.
HDLSP1 HEYCO-HDLSP1 Datasheet
127Kb / 1P
Nylon PCB Supports - Metric Spacing
HDLSP2 HEYCO-HDLSP2 Datasheet
127Kb / 1P
Nylon PCB Supports - Metric Spacing
HDLSP3 HEYCO-HDLSP3 Datasheet
127Kb / 1P
Nylon PCB Supports - Metric Spacing
HDLSPTH HEYCO-HDLSPTH Datasheet
111Kb / 1P
Nylon PCB Supports - Imperial Spacing
More results

Similar Description - HDLSP7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-MLLP187 ETC2-561-MLLP187 Datasheet
127Kb / 1P
PCB Supports - MLLP Series
logo
Harwin Plc
R30-1611100 HARWIN-R30-1611100 Datasheet
2Mb / 1P
Metric & Imperial Spacers
logo
List of Unclassifed Man...
561-DMSP250 ETC2-561-DMSP250 Datasheet
79Kb / 2P
PCB Supports
561-DSP125 ETC2-561-DSP125 Datasheet
294Kb / 2P
PCB Supports, DSP Series
561-LT187 ETC2-561-LT187 Datasheet
148Kb / 2P
PCB Supports - LTP Series
561-MLLP187 ETC2-561-MLLP187_11 Datasheet
173Kb / 2P
PCB Supports - MLLP Series
10104 ETC-10104 Datasheet
116Kb / 1P
Heyco짰 Nylon PCB Supports - Imperial Spacing
10500 ETC-10500 Datasheet
95Kb / 1P
Heyco짰 Nylon PCB Supports - Metric Spacing
10734 ETC-10734 Datasheet
90Kb / 1P
Heyco짰 Nylon PCB Supports - Threaded Male
11826 ETC-11826 Datasheet
125Kb / 1P
Heyco짰 Nylon Male/Female Threaded Hex Supports
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com