Electronic Components Datasheet Search
  English  ▼

X  

AD9912 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9912
Description  1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912 Datasheet(HTML) 2 Page - Analog Devices

  AD9912 Datasheet HTML 1Page - Analog Devices AD9912 Datasheet HTML 2Page - Analog Devices AD9912 Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AD9912
Preliminary Technical Data
Rev. Pr
B | Page 2 of 3
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
AD9912
TOP VIEW
(Not to Scale)
1
11
10
9
8
7
6
5
4
3
2
16
15
14
13
12
48
38
39
40
41
42
43
44
45
46
47
33
34
35
36
37
AVDD
DVDD_I/O
DVSS
DVDD
S1
S2
N/C
DVSS
DVDD
DVSS
DVDD
DVSS
N/C
AVDD3
N/C
N/C
DAC_RSET
AVDD3
AVDD
AVDD3
AVSS
AVDD
FDBK_IN
N/C
FDBK_INB
AVSS
OUT_CMOS
AVDD3
AVDD
AVSS
OUT
OUTB
Figure 2: 64-Lead LFCSP Pin Configuration
Table 2: Pin Function Descriptions
Pin No.
Input/
Output
Pin
Type
Mnemonic
Description
1
I
Power
DVDD_I/O
3.3V I/O Digital Supply
2, 4, 6, 8
I
Power
DVSS
Digital Ground: Connect to Ground
3, 5, 7
I
Power
DVDD
1.8V Digital Supply
9, 10, 54,
55
I/O
3.3V
CMOS
S1, S2, S3, S4
Configurable startup strapping pins: These pins are configured under program control
(see “Default Power-up Frequency Options for 1 GHz System Clock” on Page 21. After
power-up, these pins become outputs.
11, 19, 23-
26, 29, 30,
36, 42, 45,
53
I
Power
AVDD
Analog Supply: Connect to a nominal 1.8V Supply



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com