Electronic Components Datasheet Search
  English  ▼

X  

MFSM3 Datasheet(PDF) 1 Page - Heyco.

Part # MFSM3
Description  Nylon Male/Female Threaded Hex Supports
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

MFSM3 Datasheet(HTML) 1 Page - Heyco.

  MFSM3 Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7-30
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
“Stay Connected” with
HEYware Products
®
Quick
Specs
Heyco
® Nylon Male/Female Threaded Hex Supports
4-40 x .187˝ MALE /
4-40 x .187˝ FEMALE
1/4˝ ACROSS FLATS
6-32 x .250˝ MALE /
6-32 x .250˝ FEMALE
1/4˝ ACROSS FLATS
8-32 x .375˝ MALE /
8-32 x .375˝ FEMALE
1/4˝ ACROSS FLATS
M3 x 8,0 mm MALE /
M3 x 8,0 mm FEMALE
5,0 mm ACROSS FLATS
MFS4
MFS6
MFS8
MFSM3
Thread
Mounting
Thread
Mounting
Thread
Mounting
Length
Hole Diameter
Length
Hole Diameter
Length
Hole Diameter
in.
mm.
in.
in.
mm.
in.
in.
mm.
in.
Male end
.187
4,8
4-40
.250
6,4
6-32
.375
9,5
8-32
Female end
.187
4,8
4-40
.250
6,4
6-32
.375
9,5
8-32
Thread
Mounting
Length
Hole Diameter
mm.
in.
mm.
Male end
8,0
.315
M3
Female end
8,0
.315
M3
A
PART NO.
DESCRIPTION
PART NO.
DESCRIPTION
PART NO.
DESCRIPTION
in.
mm.
Natural
Natural
Natural
.250
6,4
11800
MFS4-04
11820
MFS6-04 †
11840
MFS8-04 †
.276
7,0
11801
MFS4-04.4
.312
7,9
11802
MFS4-05*
11822
MFS6-05*
.375
9,5
11803
MFS4-06
11823
MFS6-06
11843
MFS8-06 ††
.437 11,1
11804
MFS4-07
11824
MFS6-07
11844
MFS8-07
.500 12,7
11805
MFS4-08
11825
MFS6-08
11845
MFS8-08
.562 14,3
11806
MFS4-09
11826
MFS6-09
11846
MFS8-09
.600 15,2
11807
MFS4-09.6
.625 15,9
11808
MFS4-10
11828
MFS6-10
11848
MFS8-10
.687 17,4
11829
MFS6-11*
.750 19,1
11810
MFS4-12
11830
MFS6-12
11850
MFS8-12
.875 22,2
11811
MFS4-14
11831
MFS6-14
11851
MFS8-14
.937 23,8
11832
MFS6-15
1.000 25,4
11813
MFS4-16
11833
MFS6-16
11853
MFS8-16
1.125 28,6
11814
MFS4-18
11834
MFS6-18
11854
MFS8-18
1.250 31,8
11815
MFS4-20
11835
MFS6-20
11855
MFS8-20
1.312 33,3
11836
MFS6-21
1.375 34,9
11817
MFS4-22
11837
MFS6-22
11857
MFS8-22
2.000 50,8
11818
MFS4-32
11838
MFS6-32
11858
MFS8-32
A
PART NO.
DESCRIPTION
mm.
in.
Natural
10,0 .394
11860
MFSM3-M10
12,0 .472
11861
MFSM3-M12
15,0 .590
11862
MFSM3-M15
18,0 .709
11863
MFSM3-M18
20,0 .787
11864
MFSM3-M20
25,0 .984
11865
MFSM3-M25
Standard color natural.
† Female thread depth is .190˝ (4,8 mm)
†† Female thread depth is .200˝ (5,1 mm)
* Special order.
Material
Nylon 6/6
Flammability Rating
94V-2
Temperature Range
-40°F (-40°C) to 185°F (85°C)
ALL NEW
PRODUCTS!


Similar Part No. - MFSM3

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
MFS COPAL-MFS Datasheet
891Kb / 9P
Sub-miniature Switches
logo
M-System Co.,Ltd.
MFS MSYSTEM-MFS Datasheet
148Kb / 5P
Plug-in Signal Conditioners M-UNIT
logo
KITAGAWA GmbH
MFS-1000 KGS-MFS-1000 Datasheet
332Kb / 1P
Snap-mount clip for flat cables
logo
M-System Co.,Ltd.
MFS-P-444-B MSYSTEM-MFS-P-444-B Datasheet
148Kb / 5P
Plug-in Signal Conditioners M-UNIT
MFS-P-444-B/Q MSYSTEM-MFS-P-444-B/Q Datasheet
148Kb / 5P
Plug-in Signal Conditioners M-UNIT
More results

Similar Description - MFSM3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2093 ETC2-2093 Datasheet
311Kb / 1P
MALE/FEMALE THREADED STANDOFFS
4825 ETC2-4825 Datasheet
235Kb / 1P
NYLON HEX STANDOFF
2149 ETC2-2149 Datasheet
110Kb / 2P
HEX MALE/FEMALE STANDOFFS
1452B ETC2-1452B Datasheet
209Kb / 2P
THREADED HEX STANDOFF
561-G632 ETC2-561-G632 Datasheet
126Kb / 2P
Nylon Hex Nuts
logo
Richco, Inc.
NTS-10 RICHCO-NTS-10 Datasheet
52Kb / 1P
NYLON THREADED SPACERS
logo
RAF ELECTRONIC HARDWARE
4500-632-SS RAF-4500-632-SS Datasheet
87Kb / 1P
3/16 HEX MALE FEMALE STANDOFFS
4500T-440-AL RAF-4500T-440-AL Datasheet
91Kb / 1P
3/16 HEX MALE FEMALE STANDOFFS
logo
List of Unclassifed Man...
10734 ETC-10734 Datasheet
90Kb / 1P
Heyco짰 Nylon PCB Supports - Threaded Male
11826 ETC-11826 Datasheet
125Kb / 1P
Heyco짰 Nylon Male/Female Threaded Hex Supports
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com