Electronic Components Datasheet Search
  English  ▼

X  

10821 Datasheet(PDF) 1 Page - Heyco.

Part # 10821
Description  Nylon PCB Supports - Threaded Male
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

10821 Datasheet(HTML) 1 Page - Heyco.

  10821 Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7-25
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
“Stay Connected” with
HEYware Products
®
Quick
Specs
Heyco
® Nylon PCB Supports - Threaded Male
TWO PRONG SNAP FIT /
6-32 MALE THREAD
TWO PRONG SNAP FIT /
M3 MALE THREAD
TWO PRONG SNAP FIT /
M4 MALE THREAD
6-32 MALE THREAD /
6-32 MALE THREAD
HSCBS1-632
HSCBS1-M3
HSCBS1-M4
HCBS-TMM
Maximum
Mounting
Maximum
Mounting
Maximum
Mounting
Thread
Mounting
Thickness †
Hole Diameter
Thickness †
Hole Diameter
Thickness †
Hole Diameter
Length
Hole Diameter
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
PCB
.062
1,6
.153
3,9
.062
1,6
.153
3,9
.062
1,6
.153
3,9
.300
7,6
6-32
Chassis
.236
6,0
6-32
.236
6,0
M3
.236
6,0
M4
.300
7,6
6-32
A
PART NO.
DESCRIPTION
PART NO.
DESCRIPTION
PART NO.
DESCRIPTION
PART NO.
DESCRIPTION
in.
mm.
Natural
Natural*
Natural*
Natural
.125
3,2
10689
HSCBS1-632-02
10698
HSCBS1-M3-02
10707
HSCBS1-M4-02
.187
4,8
10690
HSCBS1-632-03
10699
HSCBS1-M3-03
10708
HSCBS1-M4-03
.250
6,4
10691
HSCBS1-632-04
10700
HSCBS1-M3-04
10709
HSCBS1-M4-04
10817
HCBS-TMM-04
.375
9,5
10692
HSCBS1-632-06
10701
HSCBS1-M3-06
10710
HSCBS1-M4-06
10818
HCBS-TMM-06
.500
12,7
10693
HSCBS1-632-08
10702
HSCBS1-M3-08
10711
HSCBS1-M4-08
10819
HCBS-TMM-08
.625
15,9
10694
HSCBS1-632-10
10703
HSCBS1-M3-10
10712
HSCBS1-M4-10
10820
HCBS-TMM-10
.750
19,1
10695
HSCBS1-632-12
10704
HSCBS1-M3-12
10713
HSCBS1-M4-12
10821
HCBS-TMM-12
.875
22,2
10696
HSCBS1-632-14
10705
HSCBS1-M3-14
10714
HSCBS1-M4-14
10822
HCBS-TMM-14
1.000
25,4
10823
HCBS-TMM-16
Standard color natural. For special order parts in UL 94V-0 natural material, add the suffix “F” to Part No.
*Consult Heyco for HSCBS1-M3 and HSCBS1-M4 in V-0 material.
† Indicates thread length for Chassis end of part.
Material
Nylon 6/6
Flammability Rating
94V-2
Temperature Range
-40°F (-40°C) to 185°F (85°C)


Similar Part No. - 10821

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1082110000 WEIDMULLER-1082110000 Datasheet
558Kb / 6P
BVF 7.62HP/03/180MSF3 BCF/04R SN BK BX
logo
PHOENIX CONTACT
1082129 PHOENIX-1082129 Datasheet
176Kb / 4P
TMP-UCT-MAG32 - Magazine
1082130 PHOENIX-1082130 Datasheet
181Kb / 4P
TMP-UCT-MAG33 - Magazine
logo
SICK AG
1082137 SICK-1082137 Datasheet
1Mb / 8P
CONTRAST SENSORS
1082138 SICK-1082138 Datasheet
1Mb / 8P
CONTRAST SENSORS
More results

Similar Description - 10821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-MLLP187 ETC2-561-MLLP187 Datasheet
127Kb / 1P
PCB Supports - MLLP Series
561-DMSP250 ETC2-561-DMSP250 Datasheet
79Kb / 2P
PCB Supports
561-DSP125 ETC2-561-DSP125 Datasheet
294Kb / 2P
PCB Supports, DSP Series
561-LT187 ETC2-561-LT187 Datasheet
148Kb / 2P
PCB Supports - LTP Series
logo
Richco, Inc.
NTS-10 RICHCO-NTS-10 Datasheet
52Kb / 1P
NYLON THREADED SPACERS
logo
List of Unclassifed Man...
10104 ETC-10104 Datasheet
116Kb / 1P
Heyco짰 Nylon PCB Supports - Imperial Spacing
10500 ETC-10500 Datasheet
95Kb / 1P
Heyco짰 Nylon PCB Supports - Metric Spacing
10734 ETC-10734 Datasheet
90Kb / 1P
Heyco짰 Nylon PCB Supports - Threaded Male
11826 ETC-11826 Datasheet
125Kb / 1P
Heyco짰 Nylon Male/Female Threaded Hex Supports
logo
Amphenol SV Microwave
3211-60298 SVMICROWAVE-3211-60298 Datasheet
580Kb / 1P
THREADED MALE SMPM SMOOTH BORE PCB MOUNT
07/20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com