Electronic Components Datasheet Search
  English  ▼

X  

4233F Datasheet(PDF) 1 Page - Heyco.

Part # 4233F
Description  Shorty Cable Holders
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

4233F Datasheet(HTML) 1 Page - Heyco.

  4233F Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7-55
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
“Stay Connected” with
HEYware Products
®
HEYClip
™ Shorty Cable Holders
Arrowhead Mount – Overall Height
≤ .51˝ (13,0 mm)
• Part Description Key: CHRS-X-Y-Z,
where X = Overall Height (mm),
Y = Mounting Panel Thickness (mm)
and Z (if present) indicates a different
Mounting Hole Dia.
• For Shorty Side Entry Cable Holders,
see page 7-62.
A
B
C
A
B
C
Style 1
Style 2
Material
Nylon 6/6
Flammability Rating
94V-2
Temperature Range
32°F (0°C) to 185°F (85°C)
Quick
Specs
WIRE
PART NO.
DESCRIPTION
OVERALL
FOOTPRINT
MOUNTING
STYLE
CAPACITY
HEIGHT
HOLE DIA.
Natural
C
A x B
in.
mm.
94V-2
94V-0
in.
mm.
in.
mm.
in.
mm.
MH1,7 Series
For Panels up to .063˝ (1,6 mm) thick
.19 x .04
4,8 x 0,9
4245
-
CHRS 41-1 †
.16
4,1
.08x.28
2,0x7,0
.067
1,7
3
MH1,8 Series
For Panels up to .063˝ (1,6 mm) thick
.17
x .12
4,3
x 3,0
4222
4222F
CHRS 58-1
.23
5,8
.07 x .27
1,9 x 6,9
.071
1,8
1
x .33
x 8,5
4223
4223F
CHRS 112-1
.44
11,2
For Panels up to .090˝ (2,3 mm) thick
.17
x .12
4,3
x 3,0
4224
4224F
CHRS 58-2
.23
5,8
.07 x .27
1,9 x 6,9
.071
1,8
1
x .33
x 8,5
4225
4225F
CHRS 112-2
.44
11,2
MH3,0 Series
For Panels up to .063˝ (1,6 mm) thick
.16
x .25
4,1 x 6,4
3660
-
CHRS 1
.29
7,4
.17 x .36
4,3 x 9,1
.26
x .12
6,6 x 3,0
4226
4226F
CHRS 73-1
.29
7,3
.16 x .36
4,0 x 9,1*
.32
x .16
8,1 x 3,9
4227
4227F
CHRS 91-1
.36
9,1
.16 x .43
4,0 x 10,8
.118
3,0
2
.36
x .24
9,1
x 6,0
4228
4228F
CHRS 112-1
.44
11,2
.16 x .47
4,0 x 12,0
x .30
x 7,7
4229
4229F
CHRS 130-1
.51
13,0
For Panels up to .100˝ (2,6 mm) thick
.26
x .12
6,6 x 3,0
4230
4230F
CHRS 73-2
.29
7,3
.16 x .36
4,0 x 9,1*
.32
x .16
8,1 x 3,9
4231
4231F
CHRS 91-2
.36
9,1
.16 x .43
4,0 x 10,8
.118
3,0
2
.36
x .24
9,1
x 6,0
4232
4232F
CHRS 112-2
.44
11,2
.16 x .47
4,0 x 12,0
x .30
x 7,7
4233
4233F
CHRS 130-2
.51
13,0
MH3,5 Series
For Panels up to .063˝ (1,6 mm) thick
.16
x .25
4,1 x 6,4
3661
-
CHRS 2
.29
7,4
.17 x .36
4,3 x 9,1
.25
x .35
6,4 x 8,9
3662
-
CHRS 3
.45
11,4
.17 x .48
4,3 x 12,2
.26
x .12
6,6 x 3,0
4234
4234F
CHRS 73-1-2
.29
7,3
.16 x .36
4,0 x 9,1*
.32
x .16
8,1 x 3,9
4235
4235F
CHRS 91-1-2
.36
9,1
.16 x .43
4,0 x 10,8
.138
3,5
2
.36
x .24
9,1
x 6,0
4236
4236F
CHRS 112-1-2
.44
11,2
.16 x .47
4,0 x 12,0
x .30
x 7,7
4237
4237F
CHRS 130-1-2
.51
13,0
For Panels up to .090˝ (2,3 mm) thick
.26
x .12
6,6 x 3,0
4238
4238F
CHRS 73-2-2
.29
7,3
.16 x .36
4,0 x 9,1*
.32
x .16
8,1 x 3,9
4239
4239F
CHRS 91-2-2
.36
9,1
.16 x .43
4,0 x 10,8
.138
3,5
2
.36
x .24
9,1
x 6,0
4262
4262F
CHRS 112-2-2
.44
11,2
.16 x .47
4,0 x 12,0
x .30
x 7,7
4263
4263F
CHRS 130-2-2
.51
13,0
Standard color natural 94V-2 and natural 94V-0.
† Two Prong mounting style.
*Features raised “bumps” on sides of part.
A
B
C
Style 3


Similar Part No. - 4233F

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4233 POMONA-4233 Datasheet
55Kb / 2P
Test Clip Kits
More results

Similar Description - 4233F

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BH-25 ADAM-TECH-BH-25 Datasheet
155Kb / 1P
BATTERY HOLDERS COIN CELL BATTERY HOLDERS
logo
Cooper Bussmann, Inc.
HBH-I COOPER-HBH-I Datasheet
258Kb / 2P
Fuse Holders
logo
Elektron Components Ltd...
BX0016 BULGIN-BX0016 Datasheet
107Kb / 1P
BATTERY HOLDERS
BX0034 BULGIN-BX0034 Datasheet
462Kb / 7P
Battery Holders
logo
Littelfuse
04980910ZXT LITTELFUSE-04980910ZXT Datasheet
175Kb / 1P
Fuse Holders
178.6116.2501 LITTELFUSE-178.6116.2501 Datasheet
236Kb / 1P
Fuse Holders
logo
List of Unclassifed Man...
441-R359A-GR ETC2-441-R359A-GR Datasheet
85Kb / 2P
Fuse Holders
561-TA00600 ETC2-561-TA00600 Datasheet
134Kb / 2P
Cable Tie Holders
logo
Adam Technologies, Inc.
BH-13-3 ADAM-TECH-BH-13-3 Datasheet
81Kb / 1P
BATTERY HOLDERS
BH-21-3 ADAM-TECH-BH-21-3 Datasheet
85Kb / 1P
BATTERY HOLDERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com