Electronic Components Datasheet Search
  English  ▼

X  

MASW-007813 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASW-007813
Description  GaAs SP4T High Power Switch DC - 3 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW-007813 Datasheet(HTML) 2 Page - Tyco Electronics

  MASW-007813 Datasheet HTML 1Page - Tyco Electronics MASW-007813 Datasheet HTML 2Page - Tyco Electronics MASW-007813 Datasheet HTML 3Page - Tyco Electronics MASW-007813 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs SP4T High Power Switch
DC - 3 GHz
MASW-007813
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
RoHS
Compliant
Electrical Specifications: TA = 25°C, VC = 0 V / 2.75 V, PIN = 34 dBm, Z0 = 50 Ohms
3
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
4
DC - 1 GHz
1 - 2 GHz
2 - 3 GHz
dB
dB
dB
—
—
—
0.7
0.8
1.0
0.85
—
—
Isolation
DC - 1 GHz
1 - 2 GHz
2 - 3 GHz
dB
dB
dB
25
—
—
33
27
23
—
—
—
Return Loss
DC - 3 GHz
dB
—
20
—
P0.1dB
1 GHz
dBm
—
38
—
IP2
Two Tone, +26 dBm/Tone, 5 MHz spacing, > 50 MHz
dBm
—
96
—
IP3
Two Tone, +26 dBm/Tone, 5 MHz spacing, > 50 MHz
dBm
—
58
—
2nd Harmonic
1 GHz, Pin = +34 dBm
dBc
—
-76
-68
3rd Harmonic
1 GHz, Pin = +34 dBm
dBc
—
-68
-66
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
—
40
—
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
nS
—
110
—
Transients
mV
—
40
—
Control Current
VC = 2.75 V
µA
—
20
80
3. For positive voltage control, external DC blocking capacitors are required on all RF ports.
4. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 1 GHz, 39 pF for 0.5 GHz - 3 GHz.
V1
V2
V3
V4
ANT -
RF1
ANT -
RF2
ANT -
RF3
ANT -
RF4
1
0
0
0
On
Off
Off
Off
0
1
0
0
Off
On
Off
Off
0
0
1
0
Off
Off
On
Off
0
0
0
1
Off
Off
Off
On
Truth Table
5,6
5. Differential voltage, V (state 1) - V (state 0), must be +2.5 V
minimum and must not exceed 8.5 V.
6. 0 = -8.5 V to 0 V, 1 = -6 V to 8.5 V
Parameter
Absolute Maximum
Max Input Power
(0.5 - 3 GHz, 2.75 V Control)
+38 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40
°C to +85°C
Storage Temperature
-65
°C to +150°C
Absolute Maximum Ratings
7
7. Exceeding any one or combination of these limits may cause
permanent damage to this device.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com