Electronic Components Datasheet Search
  English  ▼

X  

BCW71 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # BCW71
Description  SOT23 NPN PLANAR SMALL SIGNAL TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BCW71 Datasheet(HTML) 2 Page - Zetex Semiconductors

  BCW71 Datasheet HTML 1Page - Zetex Semiconductors BCW71 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOT23 NPN PLANAR
SMALL SIGNAL TRANSISTORS
ISSUE 2 – FEBRUARY 1995
PARTMARKING DETAILS –
BCW71
– K1
BCW72
– K2
BCW71R
– K4
BCW72R
– K5
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
200
mA
Continuous Collector Current
IC
100
mA
Power Dissipation at Tamb=25°C
PTOT
330
mW
Operating and Storage Temperature Range
tj:tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX. UNIT CONDITIONS.
Collector-Base Cut-Off
Current
ICBO
100
10
nA
µ
A
IE=0, VCB=20V
IE=0,
VCB=20V,Tj=100°C
Base-Emitter Voltage
VBE
550
700
mV
IC=2.0mA, VCE=5V
Collector-Emitter Saturation
Voltage
VCE(sat)
120
210
250
mV
mV
IC=10mA, IB=0.5mA
IC=50mA, IB=2.5mA
Base-Emitter Saturation
Voltage
VBE(sat)
750
850
mV
mV
IC=10mA, IB=0.5mA
IC=50mA, IB=2.5mA
Static Forward
BCW71
Current Transfer
Ratio
BCW72
hFE
110
90
220
IC =10µA, VCE =5V
IC =2mA, VCE =5V
200
150
450
IC =10µA, VCE =5V
IC =2mA, VCE =5V
Transition Frequency
fT
300
MHz
IC =10mA, VCE =5V
f =35MHz
Collector Capacitance
CTC
4pF
IE =Ie =0, VCB =10V
f =1MHz
Noise Figure
N
10
dB
IC =200µA, VCE =5V
RS =2KΩ, f =1KHz
B =200Hz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
Spice parameter data is available upon request for these devices
BCW71
BCW72
PAGE NO
C
B
E
SOT23
C
B
E
DIM
Millimeters
Inches
Min
Max
Min
Max
A
2.67
3.05
0.105
0.120
B
1.20
1.40
0.047
0.055
C
–
1.10
–
0.043
D
0.37
0.53
0.0145
0.021
F
0.085
0.15
0.0033
0.0059
G
NOM 1.9
NOM 0.075
K
0.01
0.10
0.0004
0.004
L
2.10
2.50
0.0825
0.0985
N
NOM 0.95
NOM 0.37
BCW71
BCW72



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com