Electronic Components Datasheet Search
  English  ▼

X  

CTF100 Datasheet(PDF) 2 Page - Belden Inc.

Part # CTF100
Description  CTF100 - Broadband Coax, 18 AWG Solid BC, Foil 50% BC Braid, PVC Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

CTF100 Datasheet(HTML) 2 Page - Belden Inc.

  CTF100 Datasheet HTML 1Page - Belden Inc. CTF100 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
800 MHz
18.8 dB/100m
860 MHz
19.5 dB/100m
1000 MHz
21.5 dB/100m
1750 MHz
29 dB/100m
2150 MHz
32.5 dB/100m
2400 MHz
34.4 dB/100m
3000 MHz
38.4 dB/100m
Electricals
Max. Conductor DCR
Nom. Outer Shield DCR
Nom. Capacitance Cond-to-Shield Nom. Characteristic Impedance Nom. Velocity of Prop.
26 Ohm/km (7.9
Ohm/1000ft)
15 Ohm/km (4.6 Ohm/1000ft) 55 pF/m (17 pF/ft)
75 Ohm
82%
Screening
Frequency
Min. Screening Attenuation
30 - 1000 MHz
75 dB
1000 - 2000 MHz 65 dB
2000 - 3000 MHz 55 dB
Mechanical Characteristics
Temperature
Operating
Installation
Storage
-40°C To +70°C -5°C To +50°C -40°C To +70°C
Bend Radius
Stationary Min.
35 mm (1.4 in)
Standards and Compliance
Environmental Suitability:
Indoor - Euroclass Eca
Flammability / Reaction to Fire:
IEC 60332-1-2
CPR Compliance:
CPR Euroclass: Eca
CENELEC Compliance:
EN 50117-1EN 50117-9-2EN 50290-2-20
European Directive Compliance:
EU CE Mark
UK Regulation Compliance:
UKCA Mark
History
Update and Revision:
Revision Number: 0.201 Revision Date: 03-30-2023
Part Numbers
Variants
Item #
Color Putup Type Length
EAN
CTF100.00100 Black
Reel
100 m
8719605047342
CTF100.00500 Black
Reel
500 m
8719605047366
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com