Electronic Components Datasheet Search
  English  ▼

X  

BCW89 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # BCW89
Description  SOT23 PNP PLANAR SMALL SIGNAL TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BCW89 Datasheet(HTML) 2 Page - Zetex Semiconductors

  BCW89 Datasheet HTML 1Page - Zetex Semiconductors BCW89 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOT23 PNP PLANAR
SMALL SIGNAL TRANSISTORS
ISSUE 2 – FEBRUARY 1995
PARTMARKING DETAILS –
BCW89
– H3
BCW89R
– H6
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-80
V
Collector-Emitter Voltage
VCES
-60
V
Collector-Emitter Voltage (IC =-2mA)
VCEO
-60
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-100
mA
Peak Collector Current
ICM
-200
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT CONDITIONS.
Collector-Base Cut-Off
Current
ICBO
-100
-10
nA
µ
A
IE =0, VCB=-20V
IE =0, VCB=-20V, Tj=100°C
Base-Emitter Voltage
VBE
-600
-750
mV
IC =-2.0mA, VCE=-5.0V
Collector-Emitter
Saturation Voltage
VCE(sat)
-80
-150
-300
mV
mV
IC =-10mA, IB =-0.5mA
IC =-50mA, IB =-2.5mA
Base-Emitter
Saturation Voltage
VBE(sat)
-720
-810
mV
mV
IC =-10mA, IB =-0.5mA
IC =-50mA, IB =-2.5mA
Static Forward Current
Transfer Ratio
hFE
120
90
260
IC =-10µA, VCE =-5.0V
IC =-2.0mA, VCE =-5.0V
Transition Frequency
fT
150
MHz
IC =-10mA, VCE =-5.0V
f =35MHz
Collector Capacitance
CTC
7pF
IE =Ie =0, VCB =-10V
f =1MHz
Noise Figure
N
10
dB
IC =-200µA, VCE =-5.0V
RS =2.0KΩ, f =1KHz
B =200Hz
Spice parameter data is available upon request for this device
BCW89
PAGE NO
C
B
E
SOT23
Zetex plc.
Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom.
Telephone: (44)161-627 5105 (Sales), (44)161-627 4963 (General Enquiries)
Facsimile: (44)161-627 5467
Zetex GmbH
Zetex Inc.
Zetex (Asia) Ltd.
These are supported by
Streitfeldstraße 19
87 Modular Avenue
3510 Metroplaza, Tower 2
agents and distributors in
D-81673 München
Commack NY11725
Hing Fong Road, Kwai Fong
major countries world-wide
Telefon: (49) 89 45 49 49 0
Telephone: (516) 543-7100
Telephone:(852) 26100 611
©Zetex plc 1995
Fax: (49) 89 45 49 49 49
Fax: (516) 864-7630
Fax: (852) 24250 494
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied
or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or
services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any
product or service.
C
B
E
DIM
Millimeters
Inches
Min
Max
Min
Max
A
2.67
3.05
0.105
0.120
B
1.20
1.40
0.047
0.055
C
–
1.10
–
0.043
D
0.37
0.53
0.0145
0.021
F
0.085
0.15
0.0033
0.0059
G
NOM 1.9
NOM 0.075
K
0.01
0.10
0.0004
0.004
L
2.10
2.50
0.0825
0.0985
N
NOM 0.95
NOM 0.37



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com