Electronic Components Datasheet Search
  English  ▼

X  

BCX71 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BCX71
Description  SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BCX71 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BCX71 Datasheet HTML 1Page - Zetex Semiconductors BCX71 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT23 PNP SILICON PLANAR
SMALL SIGNAL TRANSISTORS
ISSUE 3 – MARCH 2005
PARTMARKING DETAIL –
BCX71G – BG
BCX71H – BH
BCX71J – BJ
BCX71K – BK
BCX71GR – CG
BCX71HR – 6P
BCX71JR – J8
BCX71KR – CK
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCES
-45
V
Collector-Emitter Voltage
VCEO
-45
V
Emitter-Base Voltage
VEBO
-5
V
Continuous Collector Current
IC
-200
mA
Base Current
IB
-50
mA
Power Dissipation at Tamb=25°C
PTOT
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
BCX71
ELECTRI CAL CHA RACTE RI STI CS ( at T amb = 25° C unless other wise st ated).
PARAM ETER
SYM BO L
MIN.
TYP.
MAX.
UN IT
CO NDI TIONS.
Collector-Emitter
Br eak down Vo ltage
V(BR)CEO
-45
V
ICEO=-2mA
Emitter-Base
Br eak down Vo ltage
V(BR)EB O
-5
V
IEBO=-1µA
Collector-Emitter C ut-off
Cu rrent
ICES
-20
-20
nA
µA
VCES =-45V
VCES =-45V ,T amb=150oC
Emitter-Base C ut-Off C urrent
IEBO
-20
nA
V EBO =-4V
Collector-Emitter
Sat uration Vol tage
VCE( sat)
-0.12
-0.25
-0.25
-0.55
V
V
IC=-10mA,IB= -0.25mA
IC=-50mA, IB =-1.25mA
Bas e-Emitter
Sat uration Vol tage
VBE( sat)
-0.60
-0.68
-0.70
-0.80
-0.85
-1.05
V
V
IC =-10mA, IB=-0.25mA
IC =-50mA, IB=-1.25mA
Base - E mitter V oltage
VBE
-0.6
-0.55
-0.65
-0.72
-0.75
V
V
V
IC=-10µA, V CE =-5V
IC=-2mA, V CE =-5V
IC=-50mA, V CE =-1V
St atic
For ward
BCX 71G
Cu rrent
Tr ansfer
Rat io
BCX71H
BCX71J
BCX71K
hFE
120
60
140
170
220
IC=-10µA, V CE =-5V
IC=-2mA, V CE =-5V
IC=-50mA, V CE =-1V
30
180
80
200
250
310
IC=-10µA, V CE =-5V
IC=-2mA, V CE =-5V
IC=-50mA, V CE =-1V
40
250
100
270
350
460
IC=-10µA, V CE =-5V
IC=-2mA, V CE =-5V
IC=-50mA, V CE =-1V
100
380
110
340
500
630
IC=-10µA, V CE =-5V
IC=-2mA, V CE =-5V
IC=-50mA, V CE =-1V
Tr ansition Fr equen cy
fT
180
MHz
IC =-10mA, V CE = -5V
f = 100M Hz
Emitter-Base C apacita nce
Cebo
11
pF
VEBO = -0.5V,f =1MHz
Col lector-Bas e Cap acitance
Ccbo
6
pF
VCBO= - 10V, f =1MHz
Noise Fi gure
N
2
6
dB
IC =- 0. 2mA, V CE =- 5V
RG=2KΩ, f=1KHz
∆f=200H z
S witching tim es:
Del ay T ime
Ri se Ti me
Tu rn-on T ime
St orage Ti me
Fall T ime
Turn-Off T ime
td
tr
ton
ts
tf
toff
35
50
85
400
80
480
150
800
ns
ns
ns
ns
ns
ns
-IC : I B1 : - I B2 =10:1:1mA
R1=R2=5KΩ
VBB =-3.6V, R L=990Ω
* Measured un der pu lsed co nditions. Pulse w idth=300
µs. Duty cy cle
C
B
E
SOT23
BCX 71
R1
R2
50Ω
BAY63
RL
tr < 5nsec
Zin >100kΩ
Oscilloscope
VCC (-10V)
+VBB
1µs
-10V
tr <5nsec
Mark/S pace ra tio < 0.01
ZS = 50
Ω
hFEGroup G
hFEGroup F
hFEGroup J
hFEGroup K
Min. Typ. Max. Min. Typ
Max. Min. Typ
Max. Min. Typ
Max.
h11e
1.6
2.7
4.5
2.5
3.6
6.0
3.2
4.5
8.5
4.5
7.5
12
K
h12e
1.5
2
2
3
10-4
h21e
200
260
330
520
h22e
18
30
24
50
30
60
50
100
µ
s
FOUR TERMINAL NETWORK DATA (IC=2mA, VCE=5V, f=1kHz)
Spice param eter data is available upon request for this device
SW ITCHI NG CI RCUI T


Similar Part No. - BCX71

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
PNP general purpose transistors
1999 Apr 20
logo
Infineon Technologies A...
BCX71 INFINEON-BCX71 Datasheet
88Kb / 9P
PNP Silicon AF Transistor
Jul-10-2001
logo
Diotec Semiconductor
BCX71 DIOTEC-BCX71 Datasheet
184Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
NXP Semiconductors
BCX71 NXP-BCX71 Datasheet
132Kb / 7P
PNP general purpose transistors
2004 Feb 16
logo
Central Semiconductor C...
BCX71 CENTRAL-BCX71 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
More results

Similar Description - BCX71

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMMT5087 ETC-FMMT5087 Datasheet
26Kb / 1P
SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
logo
Zetex Semiconductors
BCW60 ZETEX-BCW60 Datasheet
68Kb / 2P
SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS
FMMTA70 ZETEX-FMMTA70 Datasheet
28Kb / 1P
SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
logo
List of Unclassifed Man...
FMMT5088 ETC1-FMMT5088 Datasheet
37Kb / 1P
SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS
logo
Zetex Semiconductors
BCW89 ZETEX-BCW89 Datasheet
163Kb / 2P
SOT23 PNP PLANAR SMALL SIGNAL TRANSISTORS
FMMT5087 ZETEX-FMMT5087 Datasheet
29Kb / 1P
SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
FMMT5088 ZETEX-FMMT5088 Datasheet
31Kb / 1P
SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS
FMMT5209 ZETEX-FMMT5209 Datasheet
31Kb / 1P
SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS
logo
Diodes Incorporated
BCW61 DIODES-BCW61 Datasheet
43Kb / 2P
SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTORS
FEBRUARY 1995
logo
Zetex Semiconductors
BCW29 ZETEX-BCW29 Datasheet
32Kb / 1P
SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com