Electronic Components Datasheet Search
  English  ▼

X  

BB830 Datasheet(PDF) 1 Page - BusBoard Prototype Systems Ltd.

Part # BB830
Description  830 tie-point Solderless Plug-In BreadBoard with power rails
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.

BB830 Datasheet(HTML) 1 Page - BusBoard Prototype Systems Ltd.

  BB830 Datasheet HTML 1Page - BusBoard Prototype Systems Ltd. BB830 Datasheet HTML 2Page - BusBoard Prototype Systems Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT DATASHEET
BusBoard Prototype Systems
www.BusBoard.com
"Faster ways to build prototypes"
REV 7
© 2015 BusBoard Prototype Systems Ltd. (BPS). "BB830", "BusBoard", and the BusBoard design mark are trademarks of BusBoard Prototype Systems. All rights reserved.
BB830
830 tie-point Solderless Plug-In
BreadBoard with power rails
• 830 tie points total: 630 tie-point IC-circuit area plus two 100 tie-point distribution strips
providing 4 power rails.
• ABS plastic body with black printed legend. Color legend on distribution strips.
• Contacts are Phosphor Bronze with Plated Nickel Finish, rated for 50,000 insertions.
• Rated at 36 Volts, 2 Amps.
• Insertion Wire Size is 21 to 26 AWG, 0.016 to 0.028 inches diameter (0.4 to 0.7mm diameter).
• Peelable adhesive tape backing provided for attaching to a surface. Metal back plate provided.
BB830 Features:
PART#:
BB830
200 BULK PART#:
BB830x200
PART#:
BB830T
200 BULK PART#:
BB830Tx200
AVAILABLE SKUs:
WHITE
TRANSPARENT
150 BULK PART#:
BB830x150
150 BULK PART#:
BB830Tx150
TM


Similar Part No. - BB830

ManufacturerPart #DatasheetDescription
logo
BusBoard Prototype Syst...
BB830-KIT BUSBOARD-BB830-KIT Datasheet
512Kb / 2P
An 830 tie-point Solderless BreadBoard, 10cm ZipWire™ Cables, 3AA Battery Box and a green LED with resistor
More results

Similar Description - BB830

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2944 POMONA-2944 Datasheet
28Kb / 1P
Miniature Solderless Stackup Banana Plug
2945 POMONA-2945 Datasheet
34Kb / 1P
Miniature Solderless Stackup Banana Plug With Safety Collar
logo
Axiomtek Co., Ltd.
AX10460 AXIOMTEK-AX10460 Datasheet
211Kb / 1P
PC/104 breadboard
logo
List of Unclassifed Man...
867-W ETC2-867-W Datasheet
67Kb / 1P
Tip Plug (Insulated Solderless)
BU-00243-0 ETC2-BU-00243-0 Datasheet
49Kb / 1P
Solderless Banana Plug
BU-00244-0 ETC2-BU-00244-0 Datasheet
47Kb / 1P
Solderless Banana Plug-Hex Design
BU-P1825-0 ETC2-BU-P1825-0 Datasheet
201Kb / 1P
SOLDERLESS STACKABLE BANANA PLUG
logo
NXP Semiconductors
PBSS5350S PHILIPS-PBSS5350S Datasheet
74Kb / 8P
High power dissipation (830 mW)
2001 Nov 19
logo
SparkFun Electronics
PRT-08376 SPARKFUN-PRT-08376 Datasheet
172Kb / 2P
SparkFun Breadboard Power Supply USB -
8/5/2016
PRT-12044 SPARKFUN-PRT-12044 Datasheet
105Kb / 1P
Breadboard ??Mini Modular (Red)
5??6??7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com